| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UT700 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT700 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology |
|
8 / 46 page ![]() 8 36-00-00-000 Ver. 1.3.1 Aeroflex Microelectronics Solutions - HiRel 2.7 CAN 2.0 Interface 2.8 Debug Support Unit (DSU) 2.9 JTAG Interface SDDQM[3] O L22 high SDRAM data mask Pin Name Direction Pin Number Reset Value Description 484 CLGA CAN_RXD[0] I J20 -- CAN receive data CAN_TXD[0] O J22 high CAN transmit data CAN_RXD[1] I J21 -- CAN receive data CAN_TXD[1] O H22 high CAN transmit data Pin Name Direction Pin Number Reset Value Description 484 CLGA DSUACT O H19 low DSUmode indicator DSUBRE I H20 -- DSU break DSUEN I G19 -- DSU enable DSURX I G20 -- DSU UART receive data DSUTX O G21 high DSU UART transmit data Pin Name Direction Pin Number Reset Value Description 484 CLGA TRST I F20 -- JTAG reset TMS I F21 -- JTAG test mode select TCK I G22 -- JTAG clock TDI I F22 -- JTAG test data input Pin Name Direction Pin Number Reset Value Description 484 CLGA |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |