Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DMN2009LSS Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza DMN2009LSS
Descripción Electrónicos  SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2009LSS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2009LSS_13 Datasheet HTML 1Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 2Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 3Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 4Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMN2009LSS
Document number: DS31409 Rev. 7 - 2
3 of 5
www.diodes.com
October 2013
© Diodes Incorporated
DMN2009LSS
01
2
3
4
5
Fig. 1 Typical Output Characteristics
V , DRAIN-SOURCE VOLTAGE (V)
DS
0
5
10
15
20
25
30
V
= 2.5V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 1.5V
GS
V
= 3.0V
GS
V
= 4.0V
GS
V
= 5V
DS
Fig. 2 Typical Transfer Characteristics
V , GATE SOURCE VOLTAGE (V)
GS
0
5
10
15
20
25
30
0.4
0.6
0.8
1
1.2
1.4
1.6
V
= 10V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A
Fig. 3 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0
0.005
0.01
0.015
V
= 4.5V
I = 10A
GS
D
V
= 2.5V
I = 8A
GS
D
V
= 10V
I = 12A
GS
D
Fig. 4 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
0.8
0.9
1.0
1.1
1.2
1.3
1.4
V
= 2.5V
I = 8A
GS
D
V
= 4.5V
I = 10A
GS
D
V
= 10V
I = 12A
GS
D
Fig. 5 Typical Capacitance
V , DRAIN-SOURCE VOLTAGE (V)
DS
100
1,000
10,000
04
8
12
16
20
Ciss
Coss
Crss
Fig. 6 Gate Threshold Variation vs. Ambient Temperature
T , AMBIENT TEMPERATURE (°C)
A
-50
-25
0
25
50
75
100
125 150
0
0.2
0.4
0.6
0.8
1.0
I = 250µA
D



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com