Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DMN2009LSS Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza DMN2009LSS
Descripción Electrónicos  SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2009LSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN2009LSS_13 Datasheet HTML 1Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 2Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 3Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 4Page - Diodes Incorporated DMN2009LSS_13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DMN2009LSS
Document number: DS31409 Rev. 7 - 2
4 of 5
www.diodes.com
October 2013
© Diodes Incorporated
DMN2009LSS
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
V , SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 7 Diode Forward Voltage vs. Current
0.0001
0.001
0.01
0.1
1
10
100
0.1 0.2 0.3
0.4
0.5 0.6
0.7 0.8 0.9
1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.001
0.01
0.1
1
Fig. 8 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.0001
0.001
0.01
0.1
1
10
100
1,000
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
R
(t) = r(t) * R
R
= 99°C/W

JA
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
SO-8
Dim
Min
Max
A
-
1.75
A1
0.10
0.20
A2
1.30
1.50
A3
0.15
0.25
b
0.3
0.5
D
4.85
4.95
E
5.90
6.10
E1
3.85
3.95
e
1.27 Typ
h
-
0.35
L
0.62
0.82

0
8
All Dimensions in mm
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com