Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADM1260 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADM1260
Descripción Electrónicos  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1260 Datasheet(HTML) 5 Page - Analog Devices

  ADM1260 Datasheet HTML 1Page - Analog Devices ADM1260 Datasheet HTML 2Page - Analog Devices ADM1260 Datasheet HTML 3Page - Analog Devices ADM1260 Datasheet HTML 4Page - Analog Devices ADM1260 Datasheet HTML 5Page - Analog Devices ADM1260 Datasheet HTML 6Page - Analog Devices ADM1260 Datasheet HTML 7Page - Analog Devices ADM1260 Datasheet HTML 8Page - Analog Devices ADM1260 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
Data Sheet
ADM1260
Rev. 0 | Page 5 of 71
SPECIFICATIONS
VH = 3.0 V to 14.4 V,1 VPx = 3.0 V to 6.0 V,1 TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY ARBITRATION
VH, VPx
3.0
V
Minimum supply required on one of VPx or VH pins
VPx
6.0
V
Maximum VDDCAP = 5.1 V, typical
VH
14.4
V
VDDCAP = 4.75 V
VDDCAP
2.7
4.75
5.4
V
Regulated low dropout (LDO) output
CVDDCAP
10
μF
Minimum recommended decoupling capacitance
POWER SUPPLY
Supply Current, IVH, IVPx
4.5
6.5
mA
VDDCAP = 4.75 V, PDO1 to PDO10 off, DACs off, ADC off
Additional Currents
All PDOx FET Drivers On
1
mA
VDDCAP = 4.75 V, PDO1 to PDO6 loaded with 1 μA each,
PDO7 to PDO10 off
Current Available from VDDCAP
2
mA
Maximum additional load that can be drawn from all
PDO pull-ups to VDDCAP
DAC Supply Currents
2.2
mA
Six DACs on with 100 μA maximum load on each
ADC Supply Current
1
mA
Running round robin loop
EEPROM Erase Current
10
mA
1 ms duration only, VDDCAP = 3 V
SUPPLY FAULT DETECTORS
VH
Input Impedance
52
Input Attenuator Error
±0.05
%
Midrange and high range
Detection Ranges
High Range
6.0
14.4
V
Midrange
2.5
6.0
V
VPx
Input Impedance
52
Input Attenuator Error
±0.05
%
Low range and midrange
Detection Ranges
Midrange
2.5
6.0
V
Low Range
1.25
3.00
V
Ultralow Range
0.573
1.375
V
No input attenuation error
VXx
Input Impedance
1
Detection Range
Ultralow Range
0.573
1.375
V
No input attenuation error
Absolute Accuracy
±1
%
VREF error + DAC nonlinearity + comparator offset error +
input attenuation error (±0.5% at 25°C)
Threshold Resolution
8
Bits
Digital Glitch Filter
0
μs
Minimum programmable filter length
100
μs
Maximum programmable filter length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com