Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD8104 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD8104
Descripción Electrónicos  600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8104 Datasheet(HTML) 4 Page - Analog Devices

  AD8104 Datasheet HTML 1Page - Analog Devices AD8104 Datasheet HTML 2Page - Analog Devices AD8104 Datasheet HTML 3Page - Analog Devices AD8104 Datasheet HTML 4Page - Analog Devices AD8104 Datasheet HTML 5Page - Analog Devices AD8104 Datasheet HTML 6Page - Analog Devices AD8104 Datasheet HTML 7Page - Analog Devices AD8104 Datasheet HTML 8Page - Analog Devices AD8104 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD8104/AD8105
Data Sheet
Rev. A | Page 4 of 36
AD8104/AD8105
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SWITCHING CHARACTERISTICS
Enable On Time
50% update to 1% settling
100
ns
Switching Time, 2 V Step
50% update to 1% settling
100
ns
Switching Transient (Glitch)
Differential
40
mV p-p
POWER SUPPLIES
Supply Current
VPOS, outputs enabled, no load
340
420
mA
VPOS, outputs disabled
210
240
mA
VNEG, outputs enabled, no load
340
420
mA
VNEG, outputs disabled
210
240
mA
VDD, outputs enabled, no load
1.2
mA
Supply Voltage Range
4.5 to 5.5
V
PSRR
VNEG, VPOS, f = 1 MHz
85
dB
VOCM, f = 1 MHz
75
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (still air)
−40 to +85
°C
θJA
Operating (still air)
14
°C/W
θJC
Operating (still air)
1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com