Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD8104 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8104
Descripción Electrónicos  600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8104 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8104 Datasheet HTML 3Page - Analog Devices AD8104 Datasheet HTML 4Page - Analog Devices AD8104 Datasheet HTML 5Page - Analog Devices AD8104 Datasheet HTML 6Page - Analog Devices AD8104 Datasheet HTML 7Page - Analog Devices AD8104 Datasheet HTML 8Page - Analog Devices AD8104 Datasheet HTML 9Page - Analog Devices AD8104 Datasheet HTML 10Page - Analog Devices AD8104 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD8104/AD8105
Rev. A | Page 7 of 36
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Analog Supply Voltage (VPOS – VNEG)
6 V
Digital Supply Voltage (VDD – DGND)
6 V
Ground Potential Difference (VNEG – DGND)
+0.5 V to −2.5 V
Maximum Potential Difference (VDD – VNEG)
8 V
Common-Mode Analog Input Voltage
VNEG to VPOS
Differential Analog Input Voltage
±2 V
Digital Input Voltage
VDD
Output Voltage (Disabled Analog Output)
(VPOS − 1 V) to
(VNEG + 1 V)
Output Short-Circuit Duration
Momentary
Output Short-Circuit Current
80 mA
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
θJB
ψJT
ψJB
Unit
304-Ball BGA
14
1
6.5
0.6
5.7
°C/W
POWER DISSIPATION
The AD8104/AD8105 are operated with ±2.5 V or +5 V
supplies and can drive loads down to 100 Ω, resulting in a large
range of possible power dissipations. For this reason, extra care
must be taken derating the operating conditions based on
ambient temperature.
Packaged in a 304-ball BGA, the AD8104/AD8105 junction-to-
ambient thermal impedance (θJA) is 14°C/W. For long-term
reliability, the maximum allowed junction temperature of the
die should not exceed 150°C. Temporarily exceeding this limit
may cause a shift in parametric performance due to a change in
stresses exerted on the die by the package. Exceeding a junction
temperature of 175°C for an extended period can result in
device failure. The following curve shows the range of allowed
internal die power dissipations that meet these conditions over
the −40°C to +85°C ambient temperature range. When using
Table 6, do not include external load power in the maximum
power calculation, but do include load current dropped on the
die output transistors.
8
4
15
85
AMBIENT TEMPERATURE (°C)
TJ = 150°C
7
6
5
25
35
45
55
65
75
Figure 4. Maximum Die Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com