Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPL-03S-09EUP Datasheet(PDF) 2 Page - MicroPower Direct, LLC

No. de pieza MPL-03S-09EUP
Descripción Electrónicos  3W Output Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPL-03S-09EUP Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPL-03S-09EUP Datasheet HTML 1Page - MicroPower Direct, LLC MPL-03S-09EUP Datasheet HTML 2Page - MicroPower Direct, LLC MPL-03S-09EUP Datasheet HTML 3Page - MicroPower Direct, LLC MPL-03S-09EUP Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Maximum
Output
Power
(W)
Output
Voltage
Accuracy
(%)
Capacitive
Load
(µF, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
Current (A Max.)
Voltage
(VDC)
Current
(mA Max.)
115 VAC
230 VAC
MPL-03S-03EUP
0.120
0.060
3.3
500
1.65
±3.0
470
63
1.0A/250 VAC
MPL-03S-05EUP
0.120
0.060
5.0
500
2.50
±5.0
470
68
1.0A/250 VAC
MPL-03S-09EUP
0.120
0.060
9.0
333
3.00
±8.0
150
75
1.0A/250 VAC
MPL-03S-12EUP
0.120
0.060
12.0
250
3.00
±8.0
100
77
1.0A/250 VAC
MPL-03S-15EUP
0.120
0.060
15.0
200
3.00
±5.0
100
78
1.0A/250 VAC
MPL-03S-24EUP
0.120
0.060
24.0
125
3.00
±5.0
100
80
1.0A/250 VAC
Derating Curve, Output Power vs Temperature
Notes:
1. Operation at no load will not damage the units, however, they may not meet all specifications.
2. The external capacitors (C1 & C3) shown in the typical connection diagrams on page 3 are required to meet specified operation.
3. All units will meet EN 55022 (CE/RE) class A with the input circuit shown in the “Typical Connection 1” diagram on page 3. The MPL03SEUP will meet class B with the additional filtering shown in the
“Typical Connection 2” diagram on page 3. MPD offers filter modules that will save on board space and make the input filter design easier. Contact the factory for more information.
4. To meet the requirements of EN 61000-4-3, (10V/m) external filtering (as shown in the “Typical Connection 2” diagram on page 3) is required. This filtering may be added discretely, or by using a
filter module from MPD. Contact the factory for more information.
5. All units will meet EN 61000-4-4 (±2 kV) with the input circuit shown in the “Typical Connection 1” diagram on page 3. To meet the requirements of EN 61000-4-4 (±4 kV), external components
(as shown in the “Typical Connection 2” diagram on page 3) are required. This filtering may be added discretely, or by using a filter module from MPD. Contact the factory for more information.
6. All units will meet the requirements of EN 61000-4-5 (±1 kV/±2 kV), with the input circuit shown in the “Typical Connection 2” diagram on page 3. This filtering may be added discretely, or by using
a filter module from MPD. Contact the factory for more information.
7. All units will meet the requirements of EN 61000-4-6 (3V rms), with the input circuit shown in the “Typical Connection 2” diagram on page 3. This filtering may be added discretely, or by using a
filter module from MPD. Contact the factory for more information.
8. It is recommended that a fuse be used on the input of a power supply for protection. For the MPL-03SEUP series, a 1.0A/250 VAC slow blow should be used.
Model Selection Guide
Efficiency vs Input Voltage VDC Input
Efficiency vs Input Voltage VAC Input
Derating Curve, Output Power vs Input Voltage



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com