Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPL-03S-09EUP Datasheet(PDF) 3 Page - MicroPower Direct, LLC

No. de pieza MPL-03S-09EUP
Descripción Electrónicos  3W Output Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPD [MicroPower Direct, LLC]
Página de inicio  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPL-03S-09EUP Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MPL-03S-09EUP Datasheet HTML 1Page - MicroPower Direct, LLC MPL-03S-09EUP Datasheet HTML 2Page - MicroPower Direct, LLC MPL-03S-09EUP Datasheet HTML 3Page - MicroPower Direct, LLC MPL-03S-09EUP Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection 1
Typical Connection 2: With External EMC Components
5. Recommended values for components are:
Model
Number
External Components
MOV
LCM
Cx
LDM
CY2/CY3
C1
(Required)
CY1
C2
LOUT
C3
(Required)
C4
TVS
MPL-03S-03EUP
S10k300
3.5 mH
0.1
μF/275 VAC
5 mH
1 nF/400 VAC
22
μF/400V
1 nF/400 VAC
330
μF/25V
2.2
μH
120
μF/25V
0.1
μF/50V
SMBJ7.0A
MPL-03S-05EUP
68
μF/35V
MPL-03S-09EUP
SMBJ12A
MPL-03S-12EUP
150
μF/35V
SMBJ20A
MPL-03S-15EUP
MPL-03S-24EUP
100
μF/35V
SMBJ30A
For applications that require meeting higher EMC standards, the circuit shown above is recommended. Some notes
on this diagram (starting with the input circuit) are:
1. It is recommended that an external fuse be used. The recommended fuse is 1A/250V.
2. The capacitors CX and CYx are “safety” capacitors.
3. Capacitor C1 is a filter component. This capacitor is required to meet specified operation. It should be a high
frequency, low ESR electrolytic capacitor. The recommended value is given in the table below.
4. Capacitors C2 and C3 are output filter components. Capacitor C3 is required to meet specified operation. Low ESR,
high frequency electrolytic capacitors should be used. The recommended values are given in the table below.
The diagram above shows a typical board layout for the MPL-03SEUP with the recommended EMI components shown in the “Typical Connection 2” diagram. Filter modules are available from MPD. Contact the factory for more
information. To meet safety regulations, the board trace widths should be >3 mm, the distance between traces should be >6 mm, and the distance between traces and ground should be >6 mm. The distance “A” noted on the
drawing should be >6.4 mm.
The diagram above illustrates a typical connection of the MPL-03SEUP series. With this connection, the unit will meet EN 55022 class A, EN 61000-4-2 (±4kV), EN61000-4-4 (±2kV), EN 61000-4-8 and EN
61000-4-11. Components C1 and C3 are required to meet specified operation limits. The recommended input components are a 5D-9 (NTC), S10K300 (MOV1) and 5 mH (LIN). The recommended output component
values are given in the table below.
6. The output TVS will help protect system circuitry if power supply fails. A recommended value is given in
the table below.
7. Capacitor C4 is ceramic. This capacitor is used to filter high frequency noise. A recommended value is
given in the table below.
8. All of the components within the dotted lines of the input EMC circuit are included in a filter module
available from MPD. Please contact the factory for more information.
Typical Board Layout: With External EMC Components



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com