Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NLV32T-R39J-PFD Datasheet(PDF) 3 Page - TDK Electronics

No. de pieza NLV32T-R39J-PFD
Descripción Electrónicos  Inductors for Standard Circuits Wound Ferrite
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-R39J-PFD Datasheet(HTML) 3 Page - TDK Electronics

  NLV32T-R39J-PFD Datasheet HTML 1Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 2Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 3Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 4Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 5Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 6Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 7Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 8Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(3/10)
INDUC
T
O
RS
20150122 / inductor_automotive_standard_nlv32-pfd_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for Standard Circuits
Wound Ferrite
FEATURES
Resin mold type wound inductor for standard circuits.
E-12 Series, wide lineup compatible with J (±5%) tolerance, can be used for applications that need to meet strict L tolerance such as
filter circuits.
Has excellent inductance temperature characteristics in the operating temperature range.
APPLICATION
Vehicle accessories (car navigation systems, car audio, ETC)
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
AEC-Q200
Overview of NLV32-PFD Type
NLV
32
T
-
010
-
J
-
PFD
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
Internal code
(mm)
(μH)
32
3.2×2.5×2.2
T
Taping
010
0.01
J
±5%
PFD
Compatible with the RoHS
Directive, Exemption
regulations apply
R10
0.1
1R0
1
100
10
101
100
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(mg)
NLV32-PFD
–40 to +105
–40 to +105
2000
50
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com