Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NLV32T-R39J-PFD Datasheet(PDF) 9 Page - TDK Electronics

No. de pieza NLV32T-R39J-PFD
Descripción Electrónicos  Inductors for Standard Circuits Wound Ferrite
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-R39J-PFD Datasheet(HTML) 9 Page - TDK Electronics

Back Button NLV32T-R39J-PFD Datasheet HTML 2Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 3Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 4Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 5Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 6Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 7Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 8Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 9Page - TDK Electronics NLV32T-R39J-PFD Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
(9/10)
INDUC
T
O
RS
20150122 / inductor_automotive_standard_nlv32-pfd_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
NLV32-PFD Type
ELECTRICAL CHARACTERISTICS
Q FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0
10
20
30
40
50
70
60
0.1
1
10
100
1000
Frequency(MHz)
056J
012J
015J
018J
033J
039J
047J
027J
068J
082J
R10J
R12J
R15J
R22J
R39J
R18J
R27J
R33J
010J
3R3J
3R9J
5R6J
6R8J
100J
120J
150J
8R2J
330J
390J
470J
560J
680J
820J
220J
180J
270J
221J
391J
471J
181J
271J
331J
121J
101J
022J
4R7J
151J
R47J
R56J
R68J
1R0J
1R2J
1R5J
1R8J
2R2J
2R7J
R82J
Product No.
Manufacturer
4291A
Agilent Technologies
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com