Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MMBZ5221B Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

No. de pieza MMBZ5221B
Descripción Electrónicos  ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Página de inicio  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MMBZ5221B Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MMBZ5221B Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MMBZ5221B Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MMBZ5221B Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MMBZ5221B Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MMBZ5221B Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Green Products
Data Sheet N0204, Rev. A
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
MMBZ5221B-MMBZ5259B
Ordering Information:
Device
Package
Shipping
MMBZ5221B-MMBZ5259B
SOT-23
(Pb-Free)
3000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings @TA=25°C unless otherwise specified
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, Tp≤1.0ms.
Parameter
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
410
mW
Forward Voltage
@ IF = 10mA
VF
1.0
V
Typical Thermal resistance junction to
Ambient Air (Note 1)
RθJA
357
°C/W
Operating Junction and Storage
Temperature Range
TJ,TSTG
-55 to 150
°C



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com