Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ERLB201LIN162KA45M Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

No. de pieza ERLB201LIN162KA45M
Descripción Electrónicos  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

ERLB201LIN162KA45M Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  ERLB201LIN162KA45M Datasheet HTML 1Page - Nippon Precision Circuits Inc ERLB201LIN162KA45M Datasheet HTML 2Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
High ripple snap-ins, 85
℃
RLB
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
85℃, 120Hz)
Part No.
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
85℃, 120Hz)
Part No.
180
900
30
×35
0.15
4.66
ERLB181LIN901KR35M
210
1,400
30
×55
0.15
6.31
ERLB211LIN142KR55M
1,100
30
×40
0.15
5.17
ERLB181LIN112KR40M
1,500
35
×45
0.15
6.21
ERLB211LIN152KA45M
1,300
30
×45
0.15
5.64
ERLB181LIN132KR45M
1,700
35
×50
0.15
6.82
ERLB211LIN172KA50M
1,500
30
×50
0.15
6.07
ERLB181LIN152KR50M
2,000
35
×55
0.15
7.62
ERLB211LIN202KA55M
1,500
35
×40
0.15
5.75
ERLB181LIN152KA40M
220
700
30
×35
0.15
4.27
ERLB221LIN701KR35M
1,700
30
×55
0.15
6.63
ERLB181LIN172KR55M
900
30
×40
0.15
4.85
ERLB221LIN901KR40M
1,800
35
×45
0.15
6.37
ERLB181LIN182KA45M
1,000
30
×45
0.15
5.19
ERLB221LIN102KR45M
2,000
35
×50
0.15
6.84
ERLB181LIN202KA50M
1,000
35
×35
0.15
4.87
ERLB221LIN102KA35M
200
900
30
×35
0.15
4.66
ERLB201LIN901KR35M
1,200
30
×50
0.15
5.68
ERLB221LIN122KR50M
1,000
30
×40
0.15
5.01
ERLB201LIN102KR40M
1,200
35
×40
0.15
5.44
ERLB221LIN122KA40M
1,200
30
×45
0.15
5.51
ERLB201LIN122KR45M
1,300
30
×55
0.15
6.09
ERLB221LIN132KR55M
1,200
35
×35
0.15
5.14
ERLB201LIN122KA35M
1,400
35
×45
0.15
5.96
ERLB221LIN142KA45M
1,400
30
×50
0.15
5.95
ERLB201LIN142KR50M
1,600
35
×50
0.15
6.51
ERLB221LIN162KA50M
1,400
35
×40
0.15
5.66
ERLB201LIN142KA40M
1,800
35
×55
0.15
7.10
ERLB221LIN182KA55M
1,500
30
×55
0.15
6.36
ERLB201LIN152KR55M
250
600
30
×35
0.15
4.03
ERLB251LIN601KR35M
1,600
35
×45
0.15
6.14
ERLB201LIN162KA45M
800
30
×40
0.15
4.66
ERLB251LIN801KR40M
1,900
35
×50
0.15
6.82
ERLB201LIN192KA50M
900
30
×45
0.15
5.01
ERLB251LIN901KR45M
2,200
35
×55
0.15
7.60
ERLB201LIN222KA55M
900
35
×35
0.15
4.73
ERLB251LIN901KA35M
210
800
30
×35
0.15
4.48
ERLB211LIN801KR35M
1,000
30
×50
0.15
5.32
ERLB251LIN102KR50M
900
30
×40
0.15
4.86
ERLB211LIN901KR40M
1,100
35
×40
0.15
5.33
ERLB251LIN112KA40M
1,100
30
×45
0.15
5.39
ERLB211LIN112KR45M
1,200
30
×55
0.15
5.96
ERLB251LIN122KR55M
1,100
35
×35
0.15
5.06
ERLB211LIN112KA35M
1,200
35
×45
0.15
5.68
ERLB251LIN122KA45M
1,200
30
×50
0.15
5.71
ERLB211LIN122KR50M
1,400
35
×50
0.15
6.25
ERLB251LIN142KA50M
1,300
35
×40
0.15
5.65
ERLB211LIN132KA40M
1,600
35
×55
0.15
6.87
ERLB251LIN162KA55M
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
Frequency(Hz)
50
120
300
1k
10k
50k
180 to 250Vdc
0.70
1.00
1.17
1.32
1.45
1.50
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
New!
240
CAT. No. E1001P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com