Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ERLB201LIN162KA45M Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

No. de pieza ERLB201LIN162KA45M
Descripción Electrónicos  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

ERLB201LIN162KA45M Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  ERLB201LIN162KA45M Datasheet HTML 1Page - Nippon Precision Circuits Inc ERLB201LIN162KA45M Datasheet HTML 2Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
High ripple snap-ins, 85
℃
RLB
Series
・Endurance with ripple current : 5,000 hours at 85℃
・High ripple current capability in a commercial frequency range
・High ripple current for inverter control like air conditioner
・Rated voltage range : 180 to 250Vdc, Capacitance range : 600 to 2,200µF
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
Items
Characteristics
Category
Temperature Range
-25 to +85
℃
Rated Voltage Range
180 to 250V
Capacitance Tolerance
±10% (K)
(at 20
℃, 120Hz)
Leakage Current
I
≦3 CV
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
(at 20
℃ after 5 minutes)
Dissipation Factor
(tanδ)
Rated voltage (Vdc)
180 to 250V
(at 20
℃, 120Hz)
tan
δ (Max.)
0.15
Low Temperature
Characteristics
(Max. Impedance Ratio)
Rated voltage (Vdc)
180 to 250V
Z(-25
℃)/Z(+20℃)
4
(at 120Hz)
Endurance
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 hours at 85
℃.
Capacitance change
≦±20% of the initial value
D. F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 85℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±15% of the initial value
D. F. (tan
δ)
≦150% of the initial specified value
Leakage current
≦The initial specified value
◆DIMENSIONS [mm]
●
Terminal Code : LI (
φ30, φ35) : Standard
Vent
4.5
±1
L
±2.5
Negative mark
Sleeve (PVC : Black)
2-1.2
×6
5
±0.5
14.2
±1
●
Terminal Code : VS (
φ30,φ35)
4.0
±0.5
Vent
Sleeve (PVC : Black)
L
±2.5
Negative mark
2-
φ2
The standard design has no plastic disc.
PC board pin-out
(View from Solder side)
PC board pin-out
(View from Solder side)
◆PART NUMBERING SYSTEM
A A A
A A A
A A A
Supplement code
Size code
Capacitance tolerance code
Dummy terminal code
Terminal code ( LI,VS)
Voltage code (ex.180V:181, 200V:201)
Series code
Category
E R L B
L I N
M
K
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (snap-in type)"
Capacitance code (ex .800µF:801, 2,200µF:222)
New!
RLB
RLA P241
Longer life
239
CAT. No. E1001P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Número de pieza similar - ERLB201LIN162KA45M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
ERL VISHAY-ERL Datasheet
151Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
19-Nov-12
logo
Diotec Semiconductor
ERL1A DIOTEC-ERL1A Datasheet
158Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ERL1B DIOTEC-ERL1B Datasheet
158Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ERL1D DIOTEC-ERL1D Datasheet
158Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ERL1G DIOTEC-ERL1G Datasheet
158Kb / 2P
Superfast Recovery SMD Rectifier Diodes
More results

Descripción similar - ERLB201LIN162KA45M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMH ETC2-SMH Datasheet
95Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMT421VSN101MP25S ETC2-EKMT421VSN101MP25S Datasheet
257Kb / 2P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com