Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BTA16-600BW Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

No. de pieza BTA16-600BW
Descripción Electrónicos  With TO-220AB insulated package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA16-600BW Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTA16-600BW Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Triacs
BTA16-600BW
FEATURES
·
With TO-220AB insulated package
·
Suitables for general purpose AC switching. Which can be used as an
ON/OFF function in applications such as static relays, heating regulation,
induction motor starting circuits. Or for phase control operation in light
dimmers, motor speed controllers etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)Tj=85℃
16
A
ITSM
Non-repetitive peak on-state current tp=20ms
160
A
Tj
Operating junction temperature
110
Tstg
Storage temperature
-45~150
Rth(j-c)
Thermal resistance, junction to case
2.1
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=110
0.005
2
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=110
0.005
2
mA
IGT
Gate trigger current
-Ⅱ-Ⅲ
VD=12V; RL= 30Ω
50
mA
IH
Holding current
IGT= 0.5A, Gate Open
50
mA
VGT
Gate trigger voltage
-Ⅱ-Ⅲ
VD=12V; RL= 30Ω
1.3
V
VTM
On-state voltage
IT= 22.5A; tp= 380μs
1.55
V


Número de pieza similar - BTA16-600BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTA16-600BW STMICROELECTRONICS-BTA16-600BW Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
logo
HAOPIN MICROELECTRONICS...
BTA16-600BW HAOPIN-BTA16-600BW Datasheet
442Kb / 5P
Three quadrant triacs
logo
Shenzhen Luguang Electr...
BTA16-600BW LUGUANG-BTA16-600BW Datasheet
1Mb / 6P
16A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
More results

Descripción similar - BTA16-600BW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BTA08-600A ISC-BTA08-600A Datasheet
116Kb / 1P
With TO-220AB insulated package
BTA08-600TW ISC-BTA08-600TW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA10-600CW ISC-BTA10-600CW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600BW ISC-BTA12-600BW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600CW ISC-BTA12-600CW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600SW ISC-BTA12-600SW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600TW ISC-BTA12-600TW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA16-600C ISC-BTA16-600C Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA20-600CW ISC-BTA20-600CW Datasheet
106Kb / 1P
With TO-220AB insulated package
BTA06-600C ISC-BTA06-600C Datasheet
116Kb / 1P
With TO-220AB insulated package
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com