Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83950B Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza DP83950B
Descripción Electrónicos  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP83950B Datasheet HTML 1Page - National Semiconductor (TI) DP83950B Datasheet HTML 2Page - National Semiconductor (TI) DP83950B Datasheet HTML 3Page - National Semiconductor (TI) DP83950B Datasheet HTML 4Page - National Semiconductor (TI) DP83950B Datasheet HTML 5Page - National Semiconductor (TI) DP83950B Datasheet HTML 6Page - National Semiconductor (TI) DP83950B Datasheet HTML 7Page - National Semiconductor (TI) DP83950B Datasheet HTML 8Page - National Semiconductor (TI) DP83950B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
20 Connection Diagram160 Pin PQFP Package
Pin Table (12 TP Ports a 1 AUI Bottom View)
Pin Name
Pin No
TXO12Pb
40
TXO12a
39
TXO12b
38
TXO12Pa
37
RXI12b
36
RXI12a
35
VCC
34
GND
33
RXI11b
32
RXI11a
31
TXO11Pa
30
TXO11b
29
TXO11a
28
TXO11Pb
27
VCC
26
GND
25
TXO10Pb
24
TXO10a
23
TXO10b
22
TXO10Pa
21
RXI10b
20
RXI10a
19
VCC
18
GND
17
RXI9b
16
RXI9a
15
TXO9Pa
14
TXO9b
13
TXO9a
12
TXO9Pb
11
VCC
10
GND
9
TXO8Pb
8
TXO8a
7
TXO8b
6
TXO8Pa
5
RXI8b
4
RXI8a
3
VCC
2
GND
1
Note
NC e No Connect
Pin Name
Pin No
NC
160
RXI7b
159
RXI7a
158
TXO7Pa
157
TXO7b
156
TXO7a
155
TXO7Pb
154
VCC
153
GND
152
TXO6Pb
151
TXO6a
150
TXO6b
149
TXO6Pa
148
RXI6b
147
RXI6a
146
VCC
145
GND
144
RXI5b
143
RXI5a
142
TXO5Pa
141
TXO5b
140
TXO5a
139
TXO5Pb
138
VCC
137
GND
136
TXO4Pb
135
TXO4a
134
TXO4b
133
TXO4Pa
132
RXI4b
131
RXI4a
130
VCC
129
GND
128
RXI3b
127
RXI3a
126
TXO3Pa
125
TXO3b
124
TXO3a
123
TXO3Pb
122
NC
121
Pin Name
Pin No
VCC
120
GND
119
TXO2Pb
118
TXO2a
117
TXO2b
116
TXO2Pa
115
RXI2b
114
RXI2a
113
VCC
112
GND
111
RX1b
110
RX1a
109
CD1b
108
CD1a
107
TX1b
106
TX1a
105
VCC
104
GND
103
VCC
102
GND
101
CLKIN
100
RA4
99
RA3
98
RA2
97
RA1
96
RA0
95
VCC
94
GND
93
MLOAD
92
CDEC
91
WR
90
RD
89
D7
88
D6
87
D5
86
D4
85
D3
84
D2
83
D1
82
D0
81
Pin Name
Pin No
VCC
80
GND
79
IRC
78
IRE
77
IRD
76
COLN
75
VCC
74
GND
73
PKEN
72
RXMPLL
71
BUFEN
70
RDY
69
ELI
68
RTI
67
STR1
66
VCC
65
GND
64
STR0
63
ACTND
62
ANYXND
61
ACKO
60
MRXC
59
MEN
58
MRXD
57
MCRS
56
VCC
55
GND
54
ACKI
53
ACTNS
52
ANYXNS
51
PCOMP
50
NC
49
RXI13b
48
RXI13a
47
TXO13Pa
46
TXO13b
45
TXO13a
44
TXO13Pb
43
VCC
42
GND
41
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com