Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SP6128A Datasheet(PDF) 1 Page - Exar Corporation

No. de pieza SP6128A
Descripción Electrónicos  Synchronous Step Down PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

SP6128A Datasheet(HTML) 1 Page - Exar Corporation

  SP6128A Datasheet HTML 1Page - Exar Corporation SP6128A Datasheet HTML 2Page - Exar Corporation SP6128A Datasheet HTML 3Page - Exar Corporation SP6128A Datasheet HTML 4Page - Exar Corporation SP6128A Datasheet HTML 5Page - Exar Corporation SP6128A Datasheet HTML 6Page - Exar Corporation SP6128A Datasheet HTML 7Page - Exar Corporation SP6128A Datasheet HTML 8Page - Exar Corporation SP6128A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Rev. 08/19/05
SP6128A Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2005 Sipex Corporation
SP6128A
■ Optimized for Single Supply, 3V - 5.5V Applications
■ High Efficiency: Greater Than 95% Possible
■ Discontinuous Startup for Precharged Output
■ Accurate Fixed 300kHz Frequency Operation
■ Fast Transient Response
■ Internal Soft Start Circuit
■ Accurate 0.8V Reference Allows Low Output
Voltages
■ Resistor Programmable Output Voltage
■ Resistor Programmable Overcurrent Threshold
■ Loss-less Current Limit with High Side RDS(ON)
Sensing
■ Hiccup Mode Current Limit Protection
■ Dual N-Channel MOSFET Synchronous Driver
■ Quiescent Current: 500µA, 30µA in Shutdown
■ 14 pin TSSOP
Low Voltage, Synchronous Step Down PWM Controller
Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
APPLICATIONS
■ DSP
■ Microprocessor Core
■ I/O & Logic
■ Industrial Control
■ Distributed Power
■ Low Voltage Power
The SP6128A is a fixed frequency, voltage mode, synchronous PWM controller designed to
work from a single 5V or 3.3V input supply, providing excellent AC and DC regulation for high
efficiency power conversion. Requiring only few external components, the SP6128A pack-
aged in an 14-pin TSSOP, is especially suited for low voltage applications where cost, small
size and high efficiency are critical. The operating frequency is internally set to 300kHz,
allowing small inductor values and minimizing PC board space. The SP6128A drives two
N-channel power MOSFETs for improved efficiency and includes an accurate 0.8V reference
for low output voltage applications.
®
1
2
3
4
5
6
7
GL
PVCC
VCC
PGND
GND
COMP
NC
14
13
12
11
10
9
8
BST
GH
SWN
ISET
VFB
NC
NC
SP6128A
14 pin TSSOP
BST
SWN
VCC
VFB
COMP
GH
GL
GND
C1
2.2µF
SP6128A
Q1
FDS6690A
C4
1µF
D2
STPS2L25U
PVCC
PGND
NC
ISET
NC
NC
R1
5
1
2
3
4
5
6
7
14
13
12
11
10
9
8
C3
68pF
R2
7.87k
C2 4.7n
R3
8k
D1
MBR0530
L1
1.0µH
Q2
FDS6690A
C12
4.7nF
R4
1.7k
R5
800
C8
10µF
C9
10µF
C10
10µF
C11
470µF
2.5V/10A
C5
10µF
C6
10µF
C7
10µF
3V to 5.5V
TYPICAL APPLICATION CIRCUIT
Now Available in Lead Free Packaging
DESCRIPTION


Número de pieza similar - SP6128A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128AB SIPEX-SP6128AB Datasheet
386Kb / 10P
Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
SP6128ACY SIPEX-SP6128ACY Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128ACY/TR SIPEX-SP6128ACY/TR Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
More results

Descripción similar - SP6128A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com