| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
INA321EA/2K5 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA321EA/2K5 Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 18 page ![]() INA321 INA2321 SBOS168B − DECEMBER 2000 − REVISED JULY 2004 www.ti.com 11 SETTING THE GAIN The ratio of R2 to R1, or the impedance between pins 1, 5, and 6, determines the gain of the INA321. With an internally set gain of 5, the INA321 can be programmed for gains greater than 5 according to the following equation: G = 5 + 5 (R2/R1) The INA321 is designed to provide accurate gain, with gain error guaranteed to be less than 0.1%. Setting gain with matching TC resistors will minimize gain drift. Errors from external resistors will add directly to the guaranteed error, and may become dominant error sources. INPUT COMMON-MODE RANGE The upper limit of the common-mode input range is set by the common-mode input range of the second amplifier, A2, to 1.2V below positive supply. Under most conditions, the amplifier operates beyond this point with reduced performance. The lower limit of the input range is bounded by the output swing of amplifier A1, and is a function of the reference voltage according to the following equation: VOA1 = 5/4 VCM — 1/4 VREF (See Typical Characteristics for Input Common-Mode Range vs Reference Voltage). REFERENCE The reference terminal defines the zero output voltage level. In setting the reference voltage, the common-mode input of A3 should be considered according to the following equation: VOA2 = VREF + 5 (VIN+ − VIN−) For guaranteed operation, VOA2 should be less than VDD − 1.2V. The reference pin requires a low-impedance connection. As little as 160 Ω in series with the reference pin will degrade the CMRR to 80dB. The reference pin may be used to compensate for the offset voltage (see Offset Trimming section). The reference voltage level also influences the common-mode input range (see Common-Mode Input Range section). INPUT BIAS CURRENT RETURN With a high input impedance of 1013 Ω, the INA321 is ideal for use with high-impedance sources. The input bias current of less than 10pA makes the INA321 nearly independent of input impedance and ideal for low-power applications. For proper operation, a path must be provided for input bias currents for both inputs. Without input bias current paths, the inputs will float to a potential that exceeds common-mode range and the input amplifier will saturate. Figure 3 shows how bias current path can be provided in the cases of microphone applications, thermistor applications, ground returns, and dc-coupled resistive bridge applications. 47k Ω Microphone, Hydrophone, etc. Center−tap provides bias current return Bridge resistance provides bias current return Transformer Bridge Amplifier Bridge Sensor V B (1) V B (1) V EX NOTE: (1) V B is bias voltage within common−mode range, dependent on REF. INA321 5 3 2 8 7 6 4 1 V+ Shutdown V IN− V − V IN+ REF INA321 5 3 2 8 7 6 4 1 V+ Shutdown V IN− V − V IN+ REF INA321 5 3 2 8 7 6 4 1 V+ Shutdown V IN− V − V IN+ REF V OUT RG V OUT RG V OUT RG Figure 3. Providing an Input Common-Mode Path When differential source impedance is low, the bias current return path can be connected to one input. With higher source impedance, two equal resistors will provide a balanced input. The advantages are lower input offset voltage due to bias current flowing through the source impedance and better high-frequency gain. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |