| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
INA321EA/2K5 Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA321EA/2K5 Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 18 page ![]() PACKAGING INFORMATION ORDERABLE DEVICE STATUS(1) PACKAGE TYPE PACKAGE DRAWING PINS PACKAGE QTY INA2321EA/250 ACTIVE TSSOP PW 14 250 INA2321EA/2K5 ACTIVE TSSOP PW 14 2500 INA321E/250 ACTIVE VSSOP DGK 8 250 INA321E/2K5 ACTIVE VSSOP DGK 8 2500 INA321EA/250 ACTIVE VSSOP DGK 8 250 INA321EA/2K5 ACTIVE VSSOP DGK 8 2500 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. PACKAGE OPTION ADDENDUM www.ti.com 28-Jul-2004 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |