Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB2S Datasheet(PDF) 2 Page - Diode Semiconductor Korea

No. de pieza MB2S
Descripción Electrónicos  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DSK [Diode Semiconductor Korea]
Página de inicio  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MB2S Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MB2S Datasheet HTML 1Page - Diode Semiconductor Korea MB2S Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
f=1MHz
TJ=25
0.1
1
0.01
1.4
10
1.2
0.8
1.0
0.4
0.6
0.2
TJ=25
PULSE WIDTH=300µS
110
100
5.0
35
10
30
25
20
15
0
T=40
SINGLE HALF SINE-WAVE
(JEDEC Method)
1.0 CYCLE
f=60Hz
f=50Hz
.01
0
0.1
1.0
10
100
80
60
40
20
100
TJ=25
TJ=125
RESISTIVE OR INDUCTIVE LOAD
GLASS
EPOXY
P.C.B.
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
30
60
90
120
150
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PER LEG
FIG.1 -- DERATING CURVE FOR OUTPUT
RRECTIFIED CURRENT
AMBIENT
TEMPERATURE,
MB05S---MB10S
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
NUMBER OF CYCLES AT 50/60Hz
REVERSE VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 -- TYPICAL JUNCTION CAPACITANCE PER
BBBBBBB ELEMENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.3 -- TYPICAL FORWARD VOLTAGE
KKKKCHARACTERISTICS PER LEG
Aluminum Substrate
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com