Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB2S Datasheet(PDF) 1 Page - Diode Semiconductor Korea

No. de pieza MB2S
Descripción Electrónicos  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DSK [Diode Semiconductor Korea]
Página de inicio  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MB2S Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MB2S Datasheet HTML 1Page - Diode Semiconductor Korea MB2S Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.6
±0.1
3.8
±0.2
4.6
±0.2
2.5
±0.25
0.3
±0.1
6.8
±0.2
1.0
±0.15
Dimensions in millimeters
FEATURES
This series is UL recognized under Component Index,
file number E239431
Glass passivated chip junctions
Plastic materrial has U/L flammability classification
94V-O
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
V
Maximum RMS voltage
V
Maximum DC blocking voltage
V
Maximum average forw ard
output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
@ 0.4 A
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage
@T
A=100
mA
Typical junction capacitance per leg (NOTE 3)
pF
Operating junction temperature range
Storage temperature range
NOTES: (1) On glass epoxy P.C.B. mounted on 0.05 x 0.05" (1.3 x 1.3mm) pads
(2) On aluminum substrate P.C.B. with an area of 0.8" x 0.8" (20 x 20mm) mounted on 0.05 x 0.05" (1.3 x 1.3mm) solder pad
(3) Measured at 1.0 MHz and applied rev erse v oltage of 4.0 Volts
TSTG
TJ
VRRM
0.51)
0.82)
CJ
13
IR
VF
IFSM
IF(AV)
35.0
VDC
VRMS
1000
70
140
280
420
560
700
400
SILICON BRIDGE RECTIFIERS
Saves space on printed circuit boards
Weight: 0.0078 ounce, 0.22 gram
Polarity: Polarity symbols marked on body
Dimensions in inches and (millimeters)
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
High surge overload rating: 35A peak
High temperature soldering guaranteed:
Mounting Position: Any
260°C/10 seconds at 5 lbs. (2.3kg) tension
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 0.5 A
5.0
MB05S---MB10S
1000
1.0
35
50
100
200
A
MB05S MB1S
MB2S MB4S MB6S MB8S MB10S
0.5
- 55 ---- + 150
- 55 ---- + 150
A
/W
800
800
600
TO-269AA
50
100
200
400
600
Typical thermal resistance per leg
(NOTE 1)
R θJA
85
(NOTE 2)
RθJL
20
Diode Semiconductor Korea
www.diode.kr


Número de pieza similar - MB2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MB2S FAIRCHILD-MB2S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB2S GE-MB2S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2S MCC-MB2S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MB2S BILIN-MB2S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Descripción similar - MB2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com