Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DA7202 Datasheet(PDF) 7 Page - Dialog Semiconductor

No. de pieza DA7202
Descripción Electrónicos  10 W Mono Class-D Amplifier for 2S Battery Devices
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7202 Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button DA7202 Datasheet HTML 3Page - Dialog Semiconductor DA7202 Datasheet HTML 4Page - Dialog Semiconductor DA7202 Datasheet HTML 5Page - Dialog Semiconductor DA7202 Datasheet HTML 6Page - Dialog Semiconductor DA7202 Datasheet HTML 7Page - Dialog Semiconductor DA7202 Datasheet HTML 8Page - Dialog Semiconductor DA7202 Datasheet HTML 9Page - Dialog Semiconductor DA7202 Datasheet HTML 10Page - Dialog Semiconductor DA7202 Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DA7202
10 W Mono Class-D Amplifier for 2S Battery Devices
Company confidential
Datasheet
Revision 3a
20-Aug-2015
CFR0011-120-00 Rev 5
7 of 25
© 2015 Dialog Semiconductor
4
Absolute maximum ratings
Table 2: Absolute maximum ratings
Parameter
Description
Conditions (Note 1)
Min
Typ
Max
Unit
Storage temperature
-65
+85
°C
Operating temperature
-45
+85
°C
Junction temperature (TJ)
+150
°C
PVDD
Supply voltage
+4.5
+8.2
+10.0
V
VLDO
+5.0
V
PDN_N
Power down control
-0.3
+5.0
(VLDO)
V
ESD susceptibility
Human body model
2
kV
Note 1
Stresses beyond those listed under ‘Absolute maximum ratings’ may cause permanent damage to the
device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com