Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DA7202 Datasheet(PDF) 8 Page - Dialog Semiconductor

No. de pieza DA7202
Descripción Electrónicos  10 W Mono Class-D Amplifier for 2S Battery Devices
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7202 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button DA7202 Datasheet HTML 4Page - Dialog Semiconductor DA7202 Datasheet HTML 5Page - Dialog Semiconductor DA7202 Datasheet HTML 6Page - Dialog Semiconductor DA7202 Datasheet HTML 7Page - Dialog Semiconductor DA7202 Datasheet HTML 8Page - Dialog Semiconductor DA7202 Datasheet HTML 9Page - Dialog Semiconductor DA7202 Datasheet HTML 10Page - Dialog Semiconductor DA7202 Datasheet HTML 11Page - Dialog Semiconductor DA7202 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
DA7202
10 W Mono Class-D Amplifier for 2S Battery Devices
Company confidential
Datasheet
Revision 3a
20-Aug-2015
CFR0011-120-00 Rev 5
8 of 25
© 2015 Dialog Semiconductor
5
Recommended operating conditions
Table 3: Recommended operating conditions
VDD = 8.2 V, TA = 25°C, RL = 8 Ω +33 μH, unless otherwise noted.
Parameter
Description
Conditions
Min
Typ
Max
Unit
PVDD
Supply voltage
4.5
9.0
V
VLDO
Output
5.0
V
30
kΩ
18
μH
PRMS
Output power
RLOAD = 8 Ω
VPWR = 8.2 V
THD+N = 1%
3.8
W
PMPO (RMS)
RLOAD = 8 Ω
VPWR = 8.2 V
THD+N = 1%
7.6
W
PRMS
RLOAD = 4 Ω
VPWR = 8.2 V
THD+N = 1%
8.0
W
PMPO (RMS)
RLOAD = 4 Ω
VPWR = 8.2 V
THD+N = 1%
10.0
W
Efficiency
POUT = 3.5 W
RLOAD = 8 Ω + 18 μH
audio = 1 kHz
90
%
THD+N
POUT = 3.0 W, 8 Ω, 8.2 V
90
dB
SNR
104
dB
PSRR (AC grounded)
Frequency = 217 Hz
78
dB
Gain
Fixed
18
dB
Output switching
frequency
Fixed
1
MHz
Output Noise (RMS)
Integrated over bandwidth
SNR = 99 dB,
Gain = 18 dB
60
μV
Standby current
consumption at
Shutdown
7
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com