Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADE3300 Datasheet(PDF) 26 Page - STMicroelectronics

No. de pieza ADE3300
Descripción Electrónicos  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3300 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ADE3300 Datasheet HTML 22Page - STMicroelectronics ADE3300 Datasheet HTML 23Page - STMicroelectronics ADE3300 Datasheet HTML 24Page - STMicroelectronics ADE3300 Datasheet HTML 25Page - STMicroelectronics ADE3300 Datasheet HTML 26Page - STMicroelectronics ADE3300 Datasheet HTML 27Page - STMicroelectronics ADE3300 Datasheet HTML 28Page - STMicroelectronics ADE3300 Datasheet HTML 29Page - STMicroelectronics ADE3300 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
Digital Video Input (DVI)
ADE3XXX
26/88
DVI_PLL_3
0x0483
R/W
[7:6]
0x0
Strobe 7 Adjust
R/W
[5:4]
0x0
Strobe 6 Adjust
R/W
[3:2]
0x0
Strobe 5 Adjust
R/W
[1:0]
0x0
Strobe 4 Adjust
DVI_PLL_4
0x0484
R/W
[7:6]
0x0
Strobe 11 Adjust
R/W
[5:4]
0x0
Strobe 10 Adjust
R/W
[3:2]
0x0
Strobe 9 Adjust
R/W
[1:0]
0x0
Strobe 8 Adjust
DVI_PLL_5
0x0485
R/W
[7:6]
0x0
Strobe 15 Adjust
R/W
[5:4]
0x0
Strobe 14 Adjust
R/W
[3:2]
0x0
Strobe 13 Adjust
R/W
[1:0]
0x0
Strobe 12 Adjust
DVI_PLL_6
0x0486
R/W
[7:6]
0x0
Strobe 19 Adjust
R/W
[5:4]
0x0
Strobe 18 Adjust
R/W
[3:2]
0x0
Strobe 17 Adjust
R/W
[1:0]
0x0
Strobe 16 Adjust
DVI_PLL_7
0x0487
R/W
[7:6]
0x0
Strobe 23 Adjust
R/W
[5:4]
0x0
Strobe 22 Adjust
R/W
[3:2]
0x0
Strobe 21 Adjust
R/W
[1:0]
0x0
Strobe 20 Adjust
DVI_PLL_8
0x0488
R/W
[7:6]
0x0
Strobe 27 Adjust
R/W
[5:4]
0x0
Strobe 26 Adjust
R/W
[3:2]
0x0
Strobe 25 Adjust
R/W
[1:0]
0x0
Strobe 24 Adjust
DVI_PLL_2
0x0482
R/W
[7:6]
[5:4]
[3:2]
[1:0]
0x0
Strobe [0:3] Delay Adjustment
0x0: Normal
0x1: Slow
0x2: Fast
0x3: Reserved
DVI_PLL_3
0x0483
R/W
[7:6]
[5:4]
[3:2]
[1:0]
0x0
Strobe [4:7] Delay Adjustment
0x0: Normal
0x1: Slow
0x2: Fast
0x3: Reserved
DVI_PLL_4
0x0484
R/W
[7:6]
[5:4]
[3:2]
[1:0]
0x0
Strobe [8:11] Delay Adjustment
0x0: Normal
0x1: Slow
0x2: Fast
0x3: Reserved
DVI_PLL_5
0x0485
R/W
[7:6]
[5:4]
[3:2]
[1:0]
0x0
Strobe [12:15] Delay Adjustment
0x0: Normal
0x1: Slow
0x2: Fast
0x3: Reserved
Table 9: DVI Registers (Sheet 4 of 5)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88