Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADE3300 Datasheet(PDF) 57 Page - STMicroelectronics

No. de pieza ADE3300
Descripción Electrónicos  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3300 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ADE3300 Datasheet HTML 53Page - STMicroelectronics ADE3300 Datasheet HTML 54Page - STMicroelectronics ADE3300 Datasheet HTML 55Page - STMicroelectronics ADE3300 Datasheet HTML 56Page - STMicroelectronics ADE3300 Datasheet HTML 57Page - STMicroelectronics ADE3300 Datasheet HTML 58Page - STMicroelectronics ADE3300 Datasheet HTML 59Page - STMicroelectronics ADE3300 Datasheet HTML 60Page - STMicroelectronics ADE3300 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
57/88
ADE3XXX
Timing Controller (TCON) Block
TCON_COMP_26_L
0x0B44
R/W
[7:0]
0x0
refer to TCON_COMP_0 for definition
TCON_COMP_26_H
0x0B45
R/W
[7:0]
TCON_COMP_27_L
0x0B46
R/W
[7:0]
0x0
refer to TCON_COMP_0 for definition
TCON_COMP_27_H
0x0B47
R/W
[7:0]
TCON_SRTD_0
0x0B50
[7:4]
Reserved
R/W
[3]
0x0
SRTD initialization state
R/W
[2:0]
0x0
0x0: f (A&B,&C&D,0,0)
0x1: f (A&B,&C&D,0,0)
0x2: f (A&B,&C&D,0,0)
0x3: f (0,0,A&B,0)
0x4: f (0,0,0,A&B)
0x5: f (0,0,0,A|B)
0x6: f (0,0,0,A^B)
0x7: f (0,0,0,!(A&B))
where f(Set, Reset, Toggle, Dflop) is a
configurable logic/flop element
TCON_SRTD_1
0x0B51
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_2
0x0B52
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_3
0x0B53
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_4
0x0B54
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_5
0x0B55
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_6
0x0B56
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_7
0x0B57
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_8
0x0B58
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_9
0x0B59
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_10
0x0B5A
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_11
0x0B5B
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_12
0x0B5C
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_13
0x0B5D
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_14
0x0B5E
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_15
0x0B5F
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_16
0x0B60
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_17
0x0B61
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_18
0x0B62
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_19
0x0B63
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_20
0x0B64
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_21
0x0B65
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_22
0x0B66
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_23
0x0B67
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_24
0x0B68
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_25
0x0B69
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_26
0x0B6A
R/W
[7:0]
refer to TCON_srtd_0 for definition
Table 20: TCON Registers (Sheet 3 of 6)
Register Name
Addr.
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88