Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BUS23A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza BUS23A
Descripción Electrónicos  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUS23A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUS23A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUS23A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistors
BUS23/A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BUS23
IC= 50mA ; IB= 0
300
V
BUS23A
350
VCE(sat)
Collector-Emitter
Saturation Voltage
BUS23
IC= 10A; IB= 1.33A
1.5
V
BUS23A
IC= 10A; IB= 1.67A
1.5
VBE(sat)
Base-Emitter
Saturation Voltage
BUS23
IC= 10A; IB= 1.33A
1.6
V
BUS23A
IC= 10A; IB= 1.67A
1.6
ICES
Collector Cutoff Current
VCE=VCESMmax; VBE= 0
1
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
10
mA
hFE
DC Current Gain
IC= 1.5A ; VCE= 5V
25



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com