Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BUS23A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

No. de pieza BUS23A
Descripción Electrónicos  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUS23A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUS23A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUS23A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistors
BUS23/A
DESCRIPTION
·
High Switching Speed
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 300V (Min)-BUS23
350V (Min)-BUS23A
APPLICATIONS
·
Designed for use in converters, inverters, switching
regulators, motor control systems etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
VCES
Collector- Emitter
Voltage(VBE= 0)
BUS23
550
V
BUS23A
650
VCEO
Collector-Emitter
Voltage
BUS23
300
V
BUS23A
350
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current-Continuous
15
A
ICM
Collector Current-Peak
30
A
IB
Base Current-Continuous
6
A
IBM
Base Current-Peak
9
A
PC
Collector Power Dissipation
@TC=25℃
175
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.7
℃
/W


Número de pieza similar - BUS23A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUS23 ISC-BUS23 Datasheet
184Kb / 2P
isc Silicon NPN Power Transistor
logo
Seme LAB
BUS23B SEME-LAB-BUS23B Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Inchange Semiconductor ...
BUS23B ISC-BUS23B Datasheet
81Kb / 2P
isc Silicon NPN Power Transistors
BUS23C ISC-BUS23C Datasheet
81Kb / 2P
isc Silicon NPN Power Transistors
More results

Descripción similar - BUS23A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com