| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AS161 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74AS161 Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 11 page ![]() ns Any Q RCO CLK CLK ENT ns ns FROM (INPUT) TO (OUTPUT) RCO ns Any Q RCO CLK CLK ENT ns ns FROM (INPUT) TO (OUTPUT) RCO SN54ALS160B THRU SN54ALS163B SN74ALS160B THRU SN74ALS163B SYNCHRONOUS 4-BIT BINARY COUNTERS SDAS024A – D2661, APRIL 1982 – REVISED MAY 1986 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 7 ’ALS160B, ’ALS161B switching characteristics (see Note 1) VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX PARAMETER SN54ALS160B SN54ALS161B SN74ALS160B SN74ALS161B UNIT MIN MAX MIN MAX fmax 22 40 MHz tPLH 5 34 5 20 tPHL 5 27 5 20 tPLH 4 19 4 15 tPHL 6 25 6 20 tPLH 3 18 3 13 tPHL 3 17 3 13 tPHL CLR Any Q 8 27 8 24 ns tPHL CLR RCO 11 32 11 23 ns ’ALS162B, ’ALS163B switching characteristics (see Note 1) PARAMETER VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX UNIT SN54ALS162B SN54ALS163B SN74ALS162B SN74ALS163B MIN MAX MIN MAX fmax 35 40 MHz tPLH 5 25 5 20 tPHL 5 25 5 20 tPLH 4 18 4 15 tPHL 6 25 6 20 tPLH 3 16 3 13 tPHL 3 16 3 13 NOTE 1: Load circuit and voltage waveforms are shown in Section 1. |