| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AS161 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74AS161 Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 11 page ![]() RCO ENT ns ns CLK Any Q PARAMETER UNIT RCO ENT ns ns CLK Any Q FROM (INPUT) TO (OUTPUT) SN54AS160 THRU SN54AS163 SN74AS160 THRU SN74AS163 SYNCHRONOUS 4-BIT BINARY COUNTERS SDAS024A – D2661, APRIL 1982 – REVISED MAY 1986 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 9 ’AS160, ’AS161 switching characteristics (see Note 1) FROM (INPUT) TO (OUTPUT) VCC = 4.5 V to 5.5 V, CL = 50 pF, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX SN54AS160 SN54AS161 SN74AS160 SN74AS161 MIN MAX MIN MAX fmax 65 75 MHz tPHL RCO 2 14 2 12.5 tPLH CLK RCO (with LOAD high) 1 8.5 1 8 ns tPLH RCO (with LOAD low) 3 17.5 3 16.5 tPLH 1 7.5 1 7 tPHL 2 14 2 13 tPLH 1.5 10 1.5 9 tPHL 1 9.5 1 8.5 tPHL CLR Any Q 2 14 2 13 ns tPHL CLR RCO 2 14 2 12.5 ns ’AS162, ’AS163 switching characteristics (see Note 1) PARAMETER VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX UNIT SN54AS162 SN54AS163 SN74AS162 SN74AS163 MIN MAX MIN MAX fmax 65 75 MHz tPHL RCO 2 14 2 12.5 tPLH CLK RCO (with LOAD high) 1 8.5 1 8 ns tPLH RCO (with LOAD low) 3 17.5 3 16.5 tPLH 1 7.5 1 7 tPHL 2 14 2 13 tPLH 1.5 10 1.5 9 tPHL 1 9.5 1 8.5 NOTE 1: Load circuit and voltage waveforms are shown in Section 1. |