| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCS3142-I/ST Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCS3142-I/ST Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 37 page ![]() MCS3142 DS40001747A-page 12 2014 Microchip Technology Inc. TABLE 3-12: ULTIMATE KEELOQ® TECHNOLOGY SERIAL NUMBER CONFIGURATION REGISTERS Byte Address Bit Description Values 0x3E 7:0 Serial Number Least Significant eight bits of the serial number 0x3F 7:0 Byte 1 of the serial number 0x40 7:0 Byte 2 of the serial number 0x41 7:0 Most Significant eight bits of the serial number TABLE 3-13: ULTIMATE KEELOQ® TECHNOLOGY AUTHORIZATION KEY CONFIGURATION REGISTERS Byte Address Bit Description Values 0x44 7:0 Authorization Key Least Significant eight bits of the authorization key 0x45 7:0 Byte 1 of the authorization key 0x46 7:0 Byte 2 of the authorization key 0x47 7:0 Byte 3 of the authorization key 0x48 7:0 Byte 4 of the authorization key 0x49 7:0 Byte 5 of the authorization key 0x4A 7:0 Byte 6 of the authorization key 0x4B 7:0 Byte 7 of the authorization key 0x4C 7:0 Byte 8 of the authorization key 0x4D 7:0 Byte 9 of the authorization key 0x4E 7:0 Byte 10 of the authorization key 0x4F 7:0 Byte 11 of the authorization key 0x50 7:0 Byte 12 of the authorization key 0x51 7:0 Byte 13 of the authorization key 0x52 7:0 Byte 14 of the authorization key 0x53 7:0 Most Significant eight bits of the authorization key TABLE 3-14: ULTIMATE KEELOQ® TECHNOLOGY ENCODER CONFIGURATION REGISTERS Byte Address Bit Description Values 0x54 7:6 Seed Option 00 = No seed 01 = Limited and immediate 10 = Permanent and delayed 11 = Permanent and immediate 5:2 Reserved Leave ‘0000’ 1:0 Time Element Clock Prescaler 00 = 1:1 01 = 1:4 10 = 1:16 11 = 1:64 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |