Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPFC-115-270-QP Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

No. de pieza MPFC-115-270-QP
Descripción Electrónicos  Internal inrush current limit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNQOR [SynQor Worldwide Headquarters]
Página de inicio  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

MPFC-115-270-QP Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button MPFC-115-270-QP Datasheet HTML 2Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 3Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 4Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 5Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 6Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 7Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 8Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 9Page - SynQor Worldwide Headquarters MPFC-115-270-QP Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MPFC-115-270-QP
Input:85-180Vrms
Output:270Vdc
Power:350W
Product # MPFC-115-270-QP
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006727 Rev. B
03/31/2016
Page 6
Technical Specification
0
50
100
150
200
250
300
350
400
70
80
90
100
110
Base Plate Temperature (
ºC)
85 Vac
>100 Vac
0
50
100
150
200
250
300
350
400
40
60
80
100
120
140
160
180
200
Input Voltage (
Vrms)
Figure 7: Output voltage ripple with 400μF Hold-up capacitor at full rated power
(115VAC, 60Hz) Vout (5V/div), Timebase: (5ms/div)
Figure 8: Output voltage startup waveform with 400uF hold-up capacitor, no load
(115VAC, 60Hz), (50V/div), Timebase: (500ms/div)
Figure 9: Output power vs. baseplate temperature derating curve
Figure 10: Output power vs. input voltage, output turn-on threshold is 85Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com