| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M95M02-DR Datasheet(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95M02-DR Datasheet(HTML) 38 Page - STMicroelectronics |
|
38 / 45 page ![]() Package information M95M02-DR 38/45 DocID18203 Rev 10 Figure 24. SO8N – 8-lead plastic small outline, 150 mils body width, package recommended footprint 1. Dimensions are expressed in millimeters. L1 - 1.040 - - 0.0409 - ccc - - 0.100 - - 0.0039 1. Values in inches are converted from mm and rounded to four decimal digits. Table 16. SO8N – 8-lead plastic small outline, 150 mils body width, package mechanical data (continued) Symbol millimeters inches(1) Min. Typ. Max. Min. Typ. Max. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |