Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EM47EM3288MBA Datasheet(PDF) 21 Page - Eorex Corporation

No. de pieza EM47EM3288MBA
Descripción Electrónicos  Eight Banks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EOREX [Eorex Corporation]
Página de inicio  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47EM3288MBA Datasheet(HTML) 21 Page - Eorex Corporation

Back Button EM47EM3288MBA Datasheet HTML 17Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 18Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 19Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 20Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 21Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 22Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 23Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 24Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 25Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
EM47EM3288MBA
Apr. 2014
21/39
www.eorex.com
AC Operating Test Characteristics
(VDD, VDDQ= 1.35V -0.065/+0.1V or 1.5V±0.075V)
Symbol
Speed Bin
-125
(DDR3L-1600)
-150
(DDR3L-1333)
Units
Notes
CL-nRCD-nRP
11-11-11
9-9-9
Parameter
Min.
Max.
Min.
Max.
tREFPDEN
Timing of REF command to power-
down entry
1
-
1
-
nCK
20,2
1
tMRSPDEN
Timing of MRS command to power-
down entry
tMOD
(min)
-
tMOD
(min)
-
tCPDED
Command pass disable delay
1
-
1
-
nCK
tACTPDEN
Timing of ACT command to power-
down entry
1
-
1
-
nCK
20
tPRPDEN
Timing of PRE command to power-
down entry
1
-
1
-
nCK
20
tRDPDEN
Timing of RD/RDA command to
power-down entry
RL + 4
+1
-
RL + 4
+ 1
-
nCK
tAON
RTT turn-on
-225
225
-250
250
ps
7
tAONPD
Asynchronous RTT turn-on delay
(Power-down with DLL frozen)
2
8.5
2
8.5
ns
tAOF
RTT_Nom and RTT_WR turn-off time
from ODTLoff reference
0.3
0.7
0.3
0.7
tCK
(avg)
8
tAOFPD
Asynchronous RTT turn-off delay
(Power-down with DLL frozen)
2
8.5
2
8.5
ns
ODTH4
ODT high time without write command
or with write command and BC4
4
-
4
-
nCK
ODTH8
ODT high time with write command
and BL8
6
-
6
-
nCK
tADC
RTT dynamic change skew
0.3
0.7
0.3
0.7
tCK
(avg)
tZQinit
Power-up and reset calibration time
512
-
512
-
nCK
tZQoper
Normal operation full calibration time
256
-
256
-
nCK
tZQCS
Normal operation short calibration time
64
-
64
-
nCK
23
tWLMRD
First DQS pulse rising edge after write
leveling mode is programmed
40
-
40
-
nCK
3
tWLDQSEN
DQS./DQS delay after write leveling
mode is programmed
25
-
25
-
nCK
3
tRTW
Read to write command delay
(BC4MRS, BC4OTF)
RL + tCCD/2
+
2nCK-WL
-
RL +
tCCD/2 +
2nCK-W
L
-
tRTW
Read to write command delay
(BL8MRS, BL8OTF)
RL + tCCD/2
+
2nCK-WL
-
RL +
tCCD/2 +
2nCK-W
L
-
tRAP
Active to read with auto precharge
command delay
tRCD min
-
tRCD
min
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com