Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EM47EM3288MBA Datasheet(PDF) 35 Page - Eorex Corporation

No. de pieza EM47EM3288MBA
Descripción Electrónicos  Eight Banks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EOREX [Eorex Corporation]
Página de inicio  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47EM3288MBA Datasheet(HTML) 35 Page - Eorex Corporation

Back Button EM47EM3288MBA Datasheet HTML 31Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 32Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 33Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 34Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 35Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 36Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 37Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 38Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 39Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
EM47EM3288MBA
Apr. 2014
35/39
www.eorex.com
Mode Register MR1
The Mode Register MR1 stores the data for enabling or disabling the DLL, output driver strength, RTT_Nom
impedance, additive latency, write leveling enable and Qoff. The Mode Register 1 is written by asserting low on
/CS, /RAS, /CAS, /WE, high on BA0, low on BA1 and BA2, while controlling the states of address pins
according to the table below.
DLL
D.I.C
Rtt
AL
D.I.C
Rtt
Level
0
Rtt
0
0
Qoff
0
0 1
0
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
BA0
BA1
BA2
1
Disable
0
Enable
A0
DLL Enable
1
1
Reserved
0
1
Reserved
1
0
RZQ/7
0
0
RZQ/6
A1
A5
Output Driver
Impedance Control
1
1
1
Reserved
0
1
1
Reserved
1
0
1
RZQ/8
0
0
1
RZQ/12
1
1
0
RZQ/6
0
1
0
RZQ/2
1
0
0
RZQ/4
0
0
0
ODT disabled
A2
A6
A9
Rtt_Nom
1
Output buffer disabled
0
Output buffer enabled
A12
Qoff
1
1
Reserved
0
1
CL - 2
1
0
CL - 1
0
0
AL disabled
A3
A4
Additive Latency
1
Enabled
0
Disabled
A7
Write leveling enable
1
1
MR3
0
1
MR2
1
0
MR1
0
0
MR0
BA0
BA1
MRS Mode
DLL
D.I.C
Rtt
AL
D.I.C
Rtt
Level
0
Rtt
0
0
Qoff
0
0 1
0
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
BA0
BA1
BA2
1
Disable
0
Enable
A0
DLL Enable
1
1
Reserved
0
1
Reserved
1
0
RZQ/7
0
0
RZQ/6
A1
A5
Output Driver
Impedance Control
1
1
1
Reserved
0
1
1
Reserved
1
0
1
RZQ/8
0
0
1
RZQ/12
1
1
0
RZQ/6
0
1
0
RZQ/2
1
0
0
RZQ/4
0
0
0
ODT disabled
A2
A6
A9
Rtt_Nom
1
Output buffer disabled
0
Output buffer enabled
A12
Qoff
1
1
Reserved
0
1
CL - 2
1
0
CL - 1
0
0
AL disabled
A3
A4
Additive Latency
1
Enabled
0
Disabled
A7
Write leveling enable
1
1
MR3
0
1
MR2
1
0
MR1
0
0
MR0
BA0
BA1
MRS Mode
Note1. BA2, A8, A10 and A13 are reserved for future use (RFU) and must be programmed to 0 during MRS.
Note2. Qoff: Outputs disabled - DQs, DQSs, /DQSs.
Note3. In Write leveling Mode (MR1[bit7] = 1) with MR1[bit12] = 1, all RTT_Nom settings are allowed; in Write
Leveling Mode (MR1[bit7] = 1) with MR1[bit12] = 0, only RTT_Nom settings of RZQ/2, RZQ/4 and
RZQ/6 are allowed.
DLL Enable
The DLL must be enabled for normal operation. DLL enable is required during power up initialization, and upon
returning to normal operation after having the DLL disabled. During normal operation (DLL-on) with MR1 (A0 =
0), the DLL is automatically disabled when entering self-refresh operation and is automatically re-enabled upon
exit of self-refresh operation. Any time the DLL is enabled and subsequently reset, tDLLK clock cycles must
occur before a read or synchronous ODT command can be issued to allow time for the internal clock to be
synchronized with the external clock. Failing to wait for synchronization to occur may result in a violation of the
tDQSCK, tAON or tAOF parameters. During tDLLK, CKE must continuously be registered high. DDR3L
SDRAM does not require DLL for any Write operation, except when RTT_WR is enabled and the DLL is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com