Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM363 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM363
Descripción Electrónicos  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM363 Datasheet HTML 14Page - National Semiconductor (TI) LM363 Datasheet HTML 15Page - National Semiconductor (TI) LM363 Datasheet HTML 16Page - National Semiconductor (TI) LM363 Datasheet HTML 17Page - National Semiconductor (TI) LM363 Datasheet HTML 18Page - National Semiconductor (TI) LM363 Datasheet HTML 19Page - National Semiconductor (TI) LM363 Datasheet HTML 20Page - National Semiconductor (TI) LM363 Datasheet HTML 21Page - National Semiconductor (TI) LM363 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Typical Applications (Continued)
Precision Barometer
TLH5609 – 30
Parallel trim for 2800
Hge0V
Parallel trim for 3200
Hge4V out
BLH Electronics
DHF-444114
Pressure Transducer
350X input impedance
Outpute1 mVvolt excitationpsi
Removing Large DC Offsets
TLH5609 – 31
Optional bandlimiting to reduce noise
Pick R1C1eR2C2eR3C310
e
1
2qfl
fle01 Hz for values shown Integrator nulls out offset error to
LM363 bias currents flowing into R1 and R2
Removing Small DC Offsets
TLH5609 – 32
Optional bandlimiting to reduce noise
Low frequency break
frequency fle
1
2qR1C1
e
001 Hz
Accommodates out referred offset of several volts Limit is set by max
differential between reference and sense terminals
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22