| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICS9DB108 Datasheet(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9DB108 Datasheet(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 15 page ![]() 9 Integrated Circuit Systems, Inc. ICS9DB108 0723D—01/08/04 SMBus Table: Output Control Register Pin # Name Control Function Type 0 1 PWD Bit 7 DIF_7 Output Control RW 0 Bit 6 DIF_6 Output Control RW Free-run Stoppable 0 Bit 5 DIF_5 Output Control RW Free-run Stoppable 0 Bit 4 DIF_4 Output Control RW 0 Bit 3 DIF_3 Output Control RW 0 Bit 2 DIF_2 Output Control RW Free-run Stoppable 0 Bit 1 DIF_1 Output Control RW Free-run Stoppable 0 Bit 0 DIF_0 Output Control RW 0 SMBus Table: Output Control Register Pin # Name Control Function Type 0 1 PWD Bit 7 RW X Bit 6 RW X Bit 5 RW X Bit 4 RW X Bit 3 RW X Bit 2 RW X Bit 1 RW X Bit 0 RW X SMBus Table: Vendor & Revision ID Register Pin # Name Control Function Type 0 1 PWD Bit 7 RID3 R - - 0 Bit 6 RID2 R - - 0 Bit 5 RID1 R - - 0 Bit 4 RID0 R - - 1 Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 Byte 2 42,41 38,37 34,33 30,29 20,21 16,17 Reserved Reserved 12,13 8,9 Byte 3 Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Byte 4 - REVISION ID - - - - VENDOR ID - - - Reserved Reserved Reserved Reserved Reserved |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |