Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM2716 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2716
Descripción Electrónicos  Dual (Step-up and Step-down) PWM DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2716 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2716 Datasheet HTML 6Page - National Semiconductor (TI) LM2716 Datasheet HTML 7Page - National Semiconductor (TI) LM2716 Datasheet HTML 8Page - National Semiconductor (TI) LM2716 Datasheet HTML 9Page - National Semiconductor (TI) LM2716 Datasheet HTML 10Page - National Semiconductor (TI) LM2716 Datasheet HTML 11Page - National Semiconductor (TI) LM2716 Datasheet HTML 12Page - National Semiconductor (TI) LM2716 Datasheet HTML 13Page - National Semiconductor (TI) LM2716 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Buck Operation (Continued)
COMPENSATION COMPONENTS
In the control to output transfer function, the first pole F
P1
can be estimated as 1/(2
πR
OUTCOUT); The ESR zero FZ1 of
the output capacitor is 1/(2
πESRC
OUT); Also, there is a high
frequency pole F
P2 in the range of 45kHz to 150kHz:
F
P2 =FSW/(
πn(1−D))
whereD=V
OUT/VIN, n = 1+0.348L/(VIN−VOUT)(L isinµHs
and V
IN and VOUT in volts).
The total loop gain G is approximately 500/I
OUT where IOUT
is in amperes.
A Gm amplifier is used inside the LM2716. The output resis-
tor R
o of the Gm amplifier is about 85k
Ω.C
C1 and RC1
together with R
o give a lag compensation to roll off the gain:
F
PC1 = 1/(2
πC
C1(Ro+RC1)), FZC1 = 1/2
πC
C1RC1.
In some applications, the ESR zero F
Z1 can not be cancelled
by F
P2. Then, CC3 is needed to introduce FPC2 to cancel the
ESR zero, F
P2 = 1/(2
πC
C3Ro\RC1).
The rule of thumb is to have more than 45˚ phase margin at
the crossover frequency (G=1).
SCHOTTKY DIODE
The breakdown voltage rating of D
1 is preferred to be 25%
higher than the maximum input voltage. Since D1 is only on
for a short period of time, the average current rating for D1
only requires being higher than 30% of the maximum output
current.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com