Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM2716 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2716
Descripción Electrónicos  Dual (Step-up and Step-down) PWM DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2716 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2716 Datasheet HTML 9Page - National Semiconductor (TI) LM2716 Datasheet HTML 10Page - National Semiconductor (TI) LM2716 Datasheet HTML 11Page - National Semiconductor (TI) LM2716 Datasheet HTML 12Page - National Semiconductor (TI) LM2716 Datasheet HTML 13Page - National Semiconductor (TI) LM2716 Datasheet HTML 14Page - National Semiconductor (TI) LM2716 Datasheet HTML 15Page - National Semiconductor (TI) LM2716 Datasheet HTML 16Page - National Semiconductor (TI) LM2716 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Boost Operation (Continued)
Resistance, denoted R
ESR) capacitors be used such as
ceramic, polymer electrolytic, or low ESR tantalum. Higher
ESR capacitors may be used but will require more compen-
sation which will be explained later on in the section. The
ESR is also important because it determines the peak to
peak output voltage ripple according to the approximate
equation:
∆V
OUT
) 2
∆i
LRESR (in Volts)
A minimum value of 10µF is recommended and may be
increased to a larger value. After choosing the output capaci-
tor you can determine a pole-zero pair introduced into the
control loop by the following equations:
Where R
L is the minimum load resistance corresponding to
the maximum load current. The zero created by the ESR of
the output capacitor is generally very high frequency if the
ESR is small. If low ESR capacitors are used it can be
neglected. If higher ESR capacitors are used see the High
Output Capacitor ESR Compensation section.
RIGHT HALF PLANE ZERO
A current mode control boost regulator has an inherent right
half plane zero (RHP zero). This zero has the effect of a zero
in the gain plot, causing an imposed +20dB/decade on the
rolloff, but has the effect of a pole in the phase, subtracting
another 90˚ in the phase plot. This can cause undesirable
effects if the control loop is influenced by this zero. To ensure
the RHP zero does not cause instability issues, the control
loop should be designed to have a bandwidth of less than 12
the frequency of the RHP zero. This zero occurs at a fre-
quency of:
where I
LOAD is the maximum load current.
SELECTING THE COMPENSATION COMPONENTS
The first step in selecting the compensation components
R
C2 and CC2 is to set a dominant low frequency pole in the
control loop. Simply choose values for R
C2 and CC2 within
the ranges given in the Introduction to Compensation section
to set this pole in the area of 10Hz to 500Hz. The frequency
of the pole created is determined by the equation:
where R
O is the output impedance of the error amplifier,
approximately 850k
Ω. Since R
C2 is generally much less than
R
O, it does not have much effect on the above equation and
can be neglected until a value is chosen to set the zero f
ZC.
f
ZC is created to cancel out the pole created by the output
capacitor, f
P1. The output capacitor pole will shift with differ-
ent load currents as shown by the equation, so setting the
zero is not exact. Determine the range of f
P1 over the ex-
pected loads and then set the zero f
ZC to a point approxi-
mately in the middle. The frequency of this zero is deter-
mined by:
Now R
C2 can be chosen with the selected value for CC2.
Check to make sure that the pole f
PC is still in the 10Hz to
500Hz range, change each value slightly if needed to ensure
both component values are in the recommended range. After
checking the design at the end of this section, these values
can be changed a little more to optimize performance if
desired. This is best done in the lab on a bench, checking the
load step response with different values until the ringing and
overshoot on the output voltage at the edge of the load steps
is minimal. This should produce a stable, high performance
circuit. For improved transient response, higher values of
R
C2 should be chosen. This will improve the overall band-
width which makes the regulator respond more quickly to
transients. If more detail is required, or the most optimal
performance is desired, refer to a more in depth discussion
of compensating current mode DC/DC switching regulators.
HIGH OUTPUT CAPACITOR ESR COMPENSATION
When using an output capacitor with a high ESR value, or
just to improve the overall phase margin of the control loop,
another pole may be introduced to cancel the zero created
by the ESR. This is accomplished by adding another capaci-
tor, C
C4, directly from the compensation pin VC2 to ground, in
parallel with the series combination of R
C2 and CC2. The
pole should be placed at the same frequency as f
Z1, the ESR
zero. The equation for this pole follows:
To ensure this equation is valid, and that C
C4 can be used
without negatively impacting the effects of R
C2 and CC2,fPC4
must be greater than 10f
ZC.
CHECKING THE DESIGN
The final step is to check the design. This is to ensure a
bandwidth of 12 or less of the frequency of the RHP zero.
This is done by calculating the open-loop DC gain, A
DC. After
this value is known, you can calculate the crossover visually
by placing a −20dB/decade slope at each pole, and a +20dB/
decade slope for each zero. The point at which the gain plot
crosses unity gain, or 0dB, is the crossover frequency. If the
crossover frequency is less than 12 the RHP zero, the phase
margin should be high enough for stability. The phase mar-
gin can also be improved by adding C
C4 as discussed earlier
in the section. The equation for A
DC is given below with
additional equations required for the calculation:
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com