Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ACPL-337J Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza ACPL-337J
Descripción Electrónicos  Rail-to-rail output voltage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-337J Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-337J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-337J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
105
°C
Output IC Junction Temperature
TJ
125
°C
Average Input Current
IF(AVG)
20
mA
1
Peak Transient Input Current
(< 1 µs pulse width, 300 pps)
IF(TRAN)
1
A
Reverse Input Voltage
VR
5
V
Peak Output Current
|IO(PEAK)|
4
A
2
FAULT Output Current
IFAULT
10
mA
FAULT Pin Voltage
VFAULT
-0.5
VCC1
V
UVLO Output Current
IUVLO
10
mA
UVLO Pin Voltage
VUVLO
-0.5
VCC1
V
Non Inverting Voltage Control Input Voltage
VIN+
-0.5
VCC1
V
Integrated LED Driver Output Current
ILEDDRV
20
mA
Integrated LED Driver Output Voltage
VLEDDRV
-0.5
VCC1
V
Positive Input Supply Voltage
VCC1
-0.5
7.0
V
Total Output Supply Voltage
VCC2 – VEE2
-0.5
35
V
Negative Output Supply Voltage
VE – VEE2
-0.5
15
V
3
Positive Output Supply Voltage
VCC2 – VE
-0.5
35 – (VE – VEE)
V
Gate Drive Output Voltage
VO(PEAK)
-0.5
VCC2
V
Peak Clamping Sinking Current
ICLAMP
3
A
2
Miller Clamping Pin Voltage
VCLAMP
-0.5
VCC2
V
DESAT Voltage
VDESAT
VE – 0.5
(VCC2 + 0.5)
V
Output IC Power Dissipation
PO
600
mW
4
Input LED Power Dissipation
PI
150
mW
5
Notes:
1. Derate linearly above 70
°C free-air temperature at a rate of 0.3 mA/°C.
2. Maximum pulse width = 10 µs
3. This supply is optional and is required only when negative gate drive is implemented.
4. Derate linearly above 95
°C free-air temperature at a rate of 20 mW/°C.
5. Derate linearly above 95
°C free-air temperature at a rate of 5 mW/°C. The maximum LED junction temperature should not exceed 125 °C.
Table 4. Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Operating Temperature
TA
-40
105
°C
Input supply voltage
VCC1
4.5
5.5
V
1
Total Output Supply Voltage
VCC2 – VEE2
15
30
V
2
Negative Output Supply Voltage
(VE – VEE)
0
13.5
V
3
Positive Output Supply Voltage
VCC2 – VE
15
30 – (VE – VEE)
V
Input LED Current
IF(ON)
9
16
mA
Input Voltage (OFF)
VF(OFF)
-3.6
0.8
V
Notes:
1. In most applications VCC1 will be powered up first (before VCC2) and powered down last (after VCC2). This is desirable for maintaining control of the
IGBT gate. In applications where VCC2 is powered up first, it is important to ensure that input remains low until VCC1 reaches the proper operating
voltage (minimum 4.5 V) to avoid any momentary instability at the output during VCC1 ramp-up or ramp-down.
2. 15 V is the recommended minimum operating positive supply voltage (VCC2 - VE) to ensure adequate margin in excess of the maximum VUVLO+
threshold of 13.7 V.
3. This supply is optional and is required only when negative gate drive is implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com