Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FERD30SM100ST Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza FERD30SM100ST
Descripción Electrónicos  Reduce leakage current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30SM100ST Datasheet(HTML) 4 Page - STMicroelectronics

  FERD30SM100ST Datasheet HTML 1Page - STMicroelectronics FERD30SM100ST Datasheet HTML 2Page - STMicroelectronics FERD30SM100ST Datasheet HTML 3Page - STMicroelectronics FERD30SM100ST Datasheet HTML 4Page - STMicroelectronics FERD30SM100ST Datasheet HTML 5Page - STMicroelectronics FERD30SM100ST Datasheet HTML 6Page - STMicroelectronics FERD30SM100ST Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package information
FERD30SM100S
4/7
DocID027344 Rev 1
2
Package information
•
Epoxy meets UL94, V0
•
Cooling method: by conduction (C)
•
Recommended torque value: 0.55 N·m
•
Maximum torque value: 0.77 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 7. TO-220AB dimension definitions



Html Pages

1 2 3 4 5 6 7