Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FERD30SM100ST Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza FERD30SM100ST
Descripción Electrónicos  Reduce leakage current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30SM100ST Datasheet(HTML) 5 Page - STMicroelectronics

  FERD30SM100ST Datasheet HTML 1Page - STMicroelectronics FERD30SM100ST Datasheet HTML 2Page - STMicroelectronics FERD30SM100ST Datasheet HTML 3Page - STMicroelectronics FERD30SM100ST Datasheet HTML 4Page - STMicroelectronics FERD30SM100ST Datasheet HTML 5Page - STMicroelectronics FERD30SM100ST Datasheet HTML 6Page - STMicroelectronics FERD30SM100ST Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DocID027344 Rev 1
5/7
FERD30SM100S
Package information
7
Table 5. TO-220AB dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.17
0.18
b
0.61
0.88
0.024
0.035
b1
1.14
1.70
0.045
0.067
c
0.48
0.70
0.019
0.027
D
15.25
15.75
0.60
0.62
D1
1.27 typ.
0.05 typ.
E
10
10.40
0.39
0.41
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.19
0.20
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.24
0.26
J1
2.40
2.72
0.094
0.107
L
13
14
0.51
0.55
L1
3.50
3.93
0.137
0.154
L20
16.40 typ.
0.64 typ.
L30
28.90 typ.
1.13 typ.
∅P
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7