| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
3530ECUSAGRM Datasheet(PDF) 72 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
3530ECUSAGRM Datasheet(HTML) 72 Page - Texas Instruments |
|
72 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-3. Ball Characteristics (CUS Pkg.) (continued) BALL BALL TOP [2] PIN NAME [3] MODE [4] TYPE [5] BALL RESET BALL RESET RESET REL. POWER [9] HYS [10] BUFFER PULLUP BOTTOM [1] STATE [6] REL. STATE MODE [8] STRENG TH /DOWN TYPE [7] (mA) [11] [12] R3 gpmc_d11 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_47 4 IO safe_mode 7 T3 gpmc_d12 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_48 4 IO safe_mode 7 U2 gpmc_d13 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_49 4 IO safe_mode 7 V1 gpmc_d14 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_50 4 IO safe_mode 7 V2 gpmc_d15 0 IO H H 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_51 4 IO safe_mode 7 E2 gpmc_ncs0 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS D2 gpmc_ncs3 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS sys_ 1 I ndmareq0 gpio_54 4 IO safe_mode 7 F4 gpmc_ncs4 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS sys_ 1 I ndmareq1 mcbsp4_ clkx 2 IO gpt9_pwm_evt 3 IO gpio_55 4 IO safe_mode 7 G5 gpmc_ncs5 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS sys_ 1 I ndmareq2 mcbsp4_dr 2 I gpt10_pwm_e 3 IO vt gpio_56 4 IO safe_mode 7 F3 gpmc_ncs6 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS sys_ 1 I ndmareq3 mcbsp4_dx 2 IO gpt11_pwm_e 3 IO vt gpio_57 4 IO safe_mode 7 G4 gpmc_ncs7 0 O H H 7 vdds_ mem Yes 4 PU/ PD LVCMOS gpmc_io_dir 1 O mcbsp4_fsx 2 IO gpt8_pwm_evt 3 IO gpio_58 4 IO safe_mode 7 W2 gpmc_clk 0 O L 0 0 vdds_ mem Yes 4 PU/ PD LVCMOS gpio_59 4 IO safe_mode 7 F1 gpmc_nadv_al 0 O 0 0 0 vdds_ mem No 4 NA LVCMOS e F2 gpmc_noe 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS G3 gpmc_nwe 0 O 1 1 0 vdds_ mem No 4 NA LVCMOS 72 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |