| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
3530ECUSAGRM Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
3530ECUSAGRM Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 265 page ![]() 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 A B C D E F G H J K L M N P T R U V W Y AA AB AC 24 25 26 27 28 AD AE AF AG AH 1 030-001 OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com 2 TERMINAL DESCRIPTION 2.1 Terminal Assignment Figure 2-1 through Figure 2-5 show the ball locations for the 515- and 423- ball plastic ball grid array (s- PBGA) packages. through Table 2-25 indicate the signal names and ball grid numbers for both packages. Note: There are no balls present on the top of the 423-ball s-PBGA package. Figure 2-1. OMAP3530/25 Applications Processor CBB s-PBGA-N515 Package (Bottom View) 10 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |