| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STSPIN32F0 Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN32F0 Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 40 page ![]() DocID029806 Rev 2 31/40 STSPIN32F0 Device description 40 Figure 16. Driver logic overcurrent management signals 6.10 3FG_PA7 output function The 3FG_PA7 pin has a different function according toTable 13. When the 3FG function is selected the 3FG_PA7 pin works as the open-drain output (see Figure 17). The 3FG signal is synthesized from the Hall-effect sensors feedback applied to the op amp inputs. The analog output of the op amp is converted into a logic signal through internal comparators (Vref = VDD/2) and provided to Hall decoding logic. The 3FG resulting output signal is an exclusive-OR function of the three Hall sensors (see Table 14). Table 13. 3FG_PA7 pin function 3FG High Z (PA12) 3FG_PA7 Note 0PA7 Default 1 3FG The MCU pin must be configured with pull-up |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |