| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7FOXA0 Datasheet(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FOXA0 Datasheet(HTML) 79 Page - STMicroelectronics |
|
79 / 123 page ![]() ST7FOXA0 Instruction set 79/123 10.1.1 Inherent mode All Inherent instructions consist of a single byte. The opcode fully specifies all the required information for the CPU to process the operation. Long Indirect Indexed ld A,([$10.w],X) 0000..FFFF 00..FF word + 2 Relative Direct jrne loop PC- 128/PC+127(1) + 1 Relative Indirect jrne [$10] PC- 128/PC+127(1) 00..FF byte + 2 Bit Direct bset $10,#7 00..FF + 1 Bit Indirect bset [$10],#7 00..FF 00..FF byte + 2 Bit Direct Relative btjt $10,#7,skip 00..FF + 2 Bit Indirect Relative btjt [$10],#7,skip 00..FF 00..FF byte + 3 1. At the time the instruction is executed, the Program Counter (PC) points to the instruction following JRxx. Table 30. ST7 addressing mode overview (continued) Mode Syntax Destination/ source Pointer address Pointer size Length (bytes) Table 31. Instructions supporting inherent addressing mode Instruction Function NOP No operation TRAP S/W interrupt WFI Wait for interrupt (low power mode) HALT Halt oscillator (lowest power mode) RET Subroutine return IRET Interrupt subroutine return SIM Set interrupt mask RIM Reset interrupt mask SCF Set carry flag RCF Reset carry flag RSP Reset stack pointer LD Load CLR Clear PUSH/POP Push/Pop to/from the stack INC/DEC Increment/decrement TNZ Test negative or zero CPL, NEG 1 or 2 complement Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |