| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7FOXA0 Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FOXA0 Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 123 page ![]() Power saving modes ST7FOXA0 44/123 Figure 18. Wait mode flowchart 1. Before servicing an interrupt, the CC register is pushed on the stack. The I bit of the CC register is set during the interrupt routine and cleared when the CC register is popped. 7.4 Active-halt and halt modes Active-Halt and Halt modes are the two lowest power consumption modes of the MCU. They are both entered by executing the ‘HALT’ instruction. The decision to enter either in Active- Halt or Halt mode is given by the LTCSR/ATCSR register status as shown in the following table: WFI INSTRUCTION RESET INTERRUPT Y N N Y CPU OSCILLATOR PERIPHERALS IBIT ON ON 0 OFF FETCH RESET VECTOR OR SERVICE INTERRUPT CPU OSCILLATOR PERIPHERALS IBIT ON OFF 0 ON CPU OSCILLATOR PERIPHERALS IBIT ON ON X 1) ON 256 CPU CLOCK CYCLE DELAY Table 10. Enabling/disabling active-halt and halt modes LTCSR TBIE bit ATCSR OVFIE bit ATCSRCK1 bit ATCSRCK0 bit Meaning 0x x0 Active-Halt mode disabled 00 x x 0111 1 xxx Active-Halt mode enabled x 101 Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |