Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 197 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 197 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 193Page - STMicroelectronics STM32L496AE Datasheet HTML 194Page - STMicroelectronics STM32L496AE Datasheet HTML 195Page - STMicroelectronics STM32L496AE Datasheet HTML 196Page - STMicroelectronics STM32L496AE Datasheet HTML 197Page - STMicroelectronics STM32L496AE Datasheet HTML 198Page - STMicroelectronics STM32L496AE Datasheet HTML 199Page - STMicroelectronics STM32L496AE Datasheet HTML 200Page - STMicroelectronics STM32L496AE Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 263 page
background image
DocID029173 Rev 2
197/263
STM32L496xx
Electrical characteristics
236
en
Voltage noise
density
Normal mode
at 1 kHz, Output
loaded with 4 kΩ
-500
-
nV/√Hz
Low-power mode
at 1 kHz, Output
loaded with 20 kΩ
-600
-
Normal mode
at 10 kHz, Output
loaded with 4 kΩ
-180
-
Low-power mode
at 10 kHz, Output
loaded with 20 kΩ
-290
-
IDDA(OPAMP)(2)
OPAMP
consumption
from VDDA
Normal mode
no Load, quiescent
mode
-
120
260
µA
Low-power mode
-
45
100
1. Guaranteed by design, unless otherwise specified.
2. Guaranteed by characterization results.
3. Mostly I/O leakage, when used in analog mode. Refer to Ilkg parameter in Table 70: I/O static characteristics.
4. R2 is the internal resistance between OPAMP output and OPAMP inverting input. R1 is the internal resistance between
OPAMP inverting input and ground. The PGA gain =1+R2/R1
Table 85. OPAMP characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com