Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 200 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 200 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 196Page - STMicroelectronics STM32L496AE Datasheet HTML 197Page - STMicroelectronics STM32L496AE Datasheet HTML 198Page - STMicroelectronics STM32L496AE Datasheet HTML 199Page - STMicroelectronics STM32L496AE Datasheet HTML 200Page - STMicroelectronics STM32L496AE Datasheet HTML 201Page - STMicroelectronics STM32L496AE Datasheet HTML 202Page - STMicroelectronics STM32L496AE Datasheet HTML 203Page - STMicroelectronics STM32L496AE Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 263 page
background image
Electrical characteristics
STM32L496xx
200/263
DocID029173 Rev 2
6.3.25
DFSDM characteristics
Unless otherwise specified, the parameters given in Table 90 for DFSDM are derived from
tests performed under the ambient temperature, fAPB2 frequency and VDD supply voltage
conditions summarized in Table 22: General operating conditions.
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (DFSDM1_CKINy, DFSDM1_DATINy, DFSDM1_CKOUT for
DFSDM).
V44
Segment/Common highest level voltage
-
VLCD
-
V
V34
Segment/Common 3/4 level voltage
-
3/4 VLCD
-
V23
Segment/Common 2/3 level voltage
-
2/3 VLCD
-
V12
Segment/Common 1/2 level voltage
-
1/2 VLCD
-
V13
Segment/Common 1/3 level voltage
-
1/3 VLCD
-
V14
Segment/Common 1/4 level voltage
-
1/4 VLCD
-
V0
Segment/Common lowest level voltage
-
0
-
1. Guaranteed by design.
2. LCD enabled with 3 V internal step-up active, 1/8 duty, 1/4 bias, division ratio= 64, all pixels active, no LCD connected.
Table 89. LCD controller characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 90. DFSDM characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fDFSDMCLK DFSDM clock
-
-
-
fSYSCLK
MHz
fCKIN
(1/TCKIN)
Input clock
frequency
SPI mode (SITP[1:0] = 01)
-
-
20
(fDFSDMCLK/4)
fCKOUT
Output clock
frequency
--
-
20
MHz
DuCyCKOUT
Output clock
frequency
duty cycle
-45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com