Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 199 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 199 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 195Page - STMicroelectronics STM32L496AE Datasheet HTML 196Page - STMicroelectronics STM32L496AE Datasheet HTML 197Page - STMicroelectronics STM32L496AE Datasheet HTML 198Page - STMicroelectronics STM32L496AE Datasheet HTML 199Page - STMicroelectronics STM32L496AE Datasheet HTML 200Page - STMicroelectronics STM32L496AE Datasheet HTML 201Page - STMicroelectronics STM32L496AE Datasheet HTML 202Page - STMicroelectronics STM32L496AE Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 263 page
background image
DocID029173 Rev 2
199/263
STM32L496xx
Electrical characteristics
236
6.3.24
LCD controller characteristics
The devices embed a built-in step-up converter to provide a constant LCD reference voltage
independently from the VDD voltage. An external capacitor Cext must be connected to the
VLCD pin to decouple this converter.
Table 89. LCD controller characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VLCD
LCD external voltage
-
-
3.6
V
VLCD0
LCD internal reference voltage 0
-
2.62
-
VLCD1
LCD internal reference voltage 1
-
2.76
-
VLCD2
LCD internal reference voltage 2
-
2.89
-
VLCD3
LCD internal reference voltage 3
-
3.04
-
VLCD4
LCD internal reference voltage 4
-
3.19
-
VLCD5
LCD internal reference voltage 5
-
3.32
-
VLCD6
LCD internal reference voltage 6
-
3.46
-
VLCD7
LCD internal reference voltage 7
-
3.62
-
Cext
VLCD external capacitance
Buffer OFF
(BUFEN=0 is LCD_CR register)
0.2
-
2
μF
Buffer ON
(BUFEN=1 is LCD_CR register)
1-2
ILCD(2)
Supply current from VDD at
VDD = 2.2 V
Buffer OFF
(BUFEN=0 is LCD_CR register)
-3-
μA
Supply current from VDD at
VDD = 3.0 V
Buffer OFF
(BUFEN=0 is LCD_CR register)
-1.5
-
IVLCD
Supply current from VLCD
(VLCD = 3 V)
Buffer OFF
(BUFFEN = 0, PON = 0)
-0.5
-
μA
Buffer ON
(BUFFEN = 1, 1/2 Bias)
-0.6
-
Buffer ON
(BUFFEN = 1, 1/3 Bias)
-0.8
-
Buffer ON
(BUFFEN = 1, 1/4 Bias)
-1-
RHN
Total High Resistor value for Low drive resistive network
-
5.5
-
MΩ
RLN
Total Low Resistor value for High drive resistive network
-
240
-
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com