Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 205 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 205 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 201Page - STMicroelectronics STM32L496AE Datasheet HTML 202Page - STMicroelectronics STM32L496AE Datasheet HTML 203Page - STMicroelectronics STM32L496AE Datasheet HTML 204Page - STMicroelectronics STM32L496AE Datasheet HTML 205Page - STMicroelectronics STM32L496AE Datasheet HTML 206Page - STMicroelectronics STM32L496AE Datasheet HTML 207Page - STMicroelectronics STM32L496AE Datasheet HTML 208Page - STMicroelectronics STM32L496AE Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 263 page
background image
DocID029173 Rev 2
205/263
STM32L496xx
Electrical characteristics
236
SPI characteristics
Unless otherwise specified, the parameters given in Table 95 for SPI are derived from tests
performed under the ambient temperature, fPCLKx frequency and supply voltage conditions
summarized in Table 22: General operating conditions.
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 ₓ VDD
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 95. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode receiver/full duplex
2.7 V < VDD < 3.6 V
Voltage Range 1
--
40
MHz
Master mode receiver/full duplex
1.71 V < VDD < 3.6 V
Voltage Range 1
16
Master mode transmitter
1.71 V < VDD < 3.6 V
Voltage Range 1
40
Slave mode receiver
1.71 V < VDD < 3.6 V
Voltage Range 1
40
Slave mode transmitter/full duplex
2.7 V < VDD < 3.6 V
Voltage Range 1
31(2)
Slave mode transmitter/full duplex
1.71 V < VDD < 3.6 V
Voltage Range 1
18.5(2)
Voltage Range 2
13
1.08 V < VDDIO2 < 1.32 V(3)
8
tsu(NSS) NSS setup time
Slave mode, SPI prescaler = 2
4ₓTPCLK
--
ns
th(NSS) NSS hold time
Slave mode, SPI prescaler = 2
2ₓTPCLK
--
ns
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
TPCLK-2
TPCLK
TPCLK+2
ns
tsu(MI)
Data input setup time
Master mode
1
-
-
ns
tsu(SI)
Slave mode
1.5
-
-
th(MI)
Data input hold time
Master mode
5
-
-
ns
th(SI)
Slave mode
1.5
-
-
ta(SO)
Data output access time Slave mode
9
-
34
ns
tdis(SO) Data output disable time Slave mode
9
-
16
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com