Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496AE Datasheet(PDF) 203 Page - STMicroelectronics

No. de pieza STM32L496AE
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AE Datasheet(HTML) 203 Page - STMicroelectronics

Back Button STM32L496AE Datasheet HTML 199Page - STMicroelectronics STM32L496AE Datasheet HTML 200Page - STMicroelectronics STM32L496AE Datasheet HTML 201Page - STMicroelectronics STM32L496AE Datasheet HTML 202Page - STMicroelectronics STM32L496AE Datasheet HTML 203Page - STMicroelectronics STM32L496AE Datasheet HTML 204Page - STMicroelectronics STM32L496AE Datasheet HTML 205Page - STMicroelectronics STM32L496AE Datasheet HTML 206Page - STMicroelectronics STM32L496AE Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 263 page
background image
DocID029173 Rev 2
203/263
STM32L496xx
Electrical characteristics
236
Table 91. TIMx(1) characteristics
1. TIMx, is used as a general term in which x stands for 1,2,3,4,5,6,7,8,15,16 or 17.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCLK
fTIMxCLK = 80 MHz
12.5
-
ns
fEXT
Timer external clock
frequency on CH1 to CH4
-0
fTIMxCLK/2
MHz
fTIMxCLK = 80 MHz
0
40
MHz
ResTIM
Timer resolution
TIMx (except TIM2
and TIM5)
-16
bit
TIM2 and TIM5
-
32
tCOUNTER
16-bit counter clock
period
-
1
65536
tTIMxCLK
fTIMxCLK = 80 MHz 0.0125
819.2
µs
tMAX_COUNT
Maximum possible count
with 32-bit counter
-
-
65536 × 65536
tTIMxCLK
fTIMxCLK = 80 MHz
-
53.68
s
Table 92. IWDG min/max timeout period at 32 kHz (LSI)(1)
1. The exact timings still depend on the phasing of the APB interface clock versus the LSI clock so that there
is always a full RC period of uncertainty.
Prescaler divider
PR[2:0] bits
Min timeout RL[11:0]=
0x000
Max timeout RL[11:0]=
0xFFF
Unit
/4
0
0.125
512
ms
/8
1
0.250
1024
/16
2
0.500
2048
/32
3
1.0
4096
/64
4
2.0
8192
/128
5
4.0
16384
/256
6 or 7
8.0
32768
Table 93. WWDG min/max timeout value at 80 MHz (PCLK)
Prescaler
WDGTB
Min timeout value
Max timeout value
Unit
1
0
0.0512
3.2768
ms
2
1
0.1024
6.5536
4
2
0.2048
13.1072
8
3
0.4096
26.2144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com